Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA828
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA828 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA828 Datasheet HTML 6Page - Texas Instruments INA828 Datasheet HTML 7Page - Texas Instruments INA828 Datasheet HTML 8Page - Texas Instruments INA828 Datasheet HTML 9Page - Texas Instruments INA828 Datasheet HTML 10Page - Texas Instruments INA828 Datasheet HTML 11Page - Texas Instruments INA828 Datasheet HTML 12Page - Texas Instruments INA828 Datasheet HTML 13Page - Texas Instruments INA828 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
8 Detailed Description
8.1 Overview
The INA851 is a monolithic, precision instrumentation amplifier that incorporates a current-feedback input stage
and a four-resistor, fully differential amplifier output stage. The schematic in Figure 8-1 shows how the differential
input voltage is buffered by Q1 and Q2, and is forced across RG, which causes a signal current to flow through
RG, R1, and R2. The fully differential amplifier, A3, removes the common-mode component of the input signal and
refers the output signal to the VOCM pin. The VBE and voltage drop across R1 and R2 produce output voltages
on A1 and A2 that are approximately 0.8 V less than the input voltages.
R1
3 k
RB
VB
+VS
VS
+VS
VS
+VS
VS
+VS
VS
+VS
Super-
NPN
Super-
NPN
+VS
RB
IN
+IN
OUT–
OUT+
Q1
Q2
A1
A2
A3
+VS
IB Cancellation
IB Cancellation
R2
3 k
Optional RG
(External)
C1
C2
VS
VS
R3
5 k
R4
5 k
R5
5 k
R6
5 k
R7
1.25 k
+VS
G02+
VS
+VS
G02–
VS
R8
1.25 k
+
–
+VS
VOCM
VS
A4
R10
500 k
VCLAMP
R9
500 k
VCLAMP+
+VS
FDA_IN–
VS
+VS
FDA_IN+
VS
R11
70 k
R12
70 k
OUT–
OUT+
C4
0.5pF
C3
0.5pF
Figure 8-1. Detailed Schematic
INA851
SBOS999 – MARCH 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com