Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA828
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA828 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA828 Datasheet HTML 10Page - Texas Instruments INA828 Datasheet HTML 11Page - Texas Instruments INA828 Datasheet HTML 12Page - Texas Instruments INA828 Datasheet HTML 13Page - Texas Instruments INA828 Datasheet HTML 14Page - Texas Instruments INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
8.3.3 Output Clamping
The INA851 features a unique output clamping function that protects against damage that results from
inadvertent overdriving of the ADC. To implement this function, use the VCLAMP+ and VCLAMP– pins to limit
the supply voltage range of the differential output drive amplifier. For typical operation, use a low-impedance
connection from the pins to the power supplies of the ADC. For proper operation of the clamp circuitry, set the
VS+ or VS– supply voltages at least 1.5 V beyond the respective VCLAMP+ and VCLAMP– clamping voltages. In
addition, for the output driver to function correctly, the VCLAMP+ and VCLAMP– voltages must be at least 3 V apart.
If the output clamping functionality is not desired, short the VCLAMP+ and VCLAMP– pins to the amplifier VS+
and VS– supply pins.
The output driver operates up to the VCLAMP+ or VCLAMP– limits without experiencing distortion, so that the device
output spans the full input range of the ADC. However, if the predriver output swings beyond the VCLAMP+ or
VCLAMP– voltage, the output driver begins to run out of headroom as a result of the clamped supply voltage,
shown in Figure 8-5. This behavior becomes noticeable in the form of output distortion when the output voltage
exceeds approximately 100 mV beyond the clamp voltage. The output is typically unable to swing greater
than approximately 600 mV beyond the VCLAMP+ or VCLAMP– voltage (depending on the output current), helping
prevent or reduce damage to the ADC from overvoltage conditions.
Output Driver
VS+
OUT+
VS
OUT
VCLAMP+
VCLAMP
+
–
–
+
FDA_IN
FDA_IN+
FDA Input
+
–
–
+
Predriver
+
–
–
+
Figure 8-5. Simplified Schematic of Output Driver Clamping Structure
Note
Be aware that instead of providing an immediate hard-stop voltage limit, the output driver is not
clamped until after the configured VCLAMP+ or VCLAMP– voltage has been exceeded, and the driver
starts to run out of headroom. This configuration prevents distortion of the amplifier output when
operating near the VCLAMP+ and VCLAMP– rails; however, the output voltage exceeds VCLAMP+ and
VCLAMP– by several hundreds of mV before the clamps turn on strongly. When used in conjunction
with several 10s of ohms of resistance between the amplifier output and ADC input pins (commonly
implemented as part of a low-pass filter for proper ADC acquisition), this feature helps severely
diminish any potential damage to the ADC that might otherwise result.
The VCLAMP+ pin features additional overvoltage protection as a fail-safe against power-up sequencing issues
between the INA851 and a downstream device. For example, a condition of VS+ + 10 V on this pin does not
cause damage; therefore, the ADC supply can safely turn on while the INA851 supply is still off or just beginning
to turn on. In this case, the current draw through the VCLAMP+ pin is limited to a safe value.
8.4 Device Functional Modes
The INA851 has a single functional mode and operates when the power-supply voltage is greater than 8 V
(±4 V). The maximum power-supply voltage for the INA851 is 36 V (±18 V).
INA851
SBOS999 – MARCH 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com