Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7982
Description  0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 8 Page - Analog Devices

  AD7982 Datasheet HTML 1Page - Analog Devices AD7982 Datasheet HTML 2Page - Analog Devices AD7982 Datasheet HTML 3Page - Analog Devices AD7982 Datasheet HTML 4Page - Analog Devices AD7982 Datasheet HTML 5Page - Analog Devices AD7982 Datasheet HTML 6Page - Analog Devices AD7982 Datasheet HTML 7Page - Analog Devices AD7982 Datasheet HTML 8Page - Analog Devices AD7982 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADA4805-2-EP
Enhanced Product
Rev. 0 | Page 8 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 2 kΩ, unless otherwise noted. When G = +1, RF = 0 Ω.
–12
–9
–6
–3
0
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±2.5V
G = +1
VOUT = 20mV p-p
RL = 2kΩ
–55°C
+25°C
+125°C
Figure 5. Small Signal Frequency Response for Various Temperatures
300
350
400
450
500
550
600
650
700
750
800
TEMPERATURE (°C)
–55 –40 –25 –10
5
20
35
50
65
80
95
110 125
VS = ±2.5V
VS = ±5V
VS = ±1.5V
Figure 6. Quiescent Supply Current vs. Temperature for Various Supplies
0
5
10
15
20
25
30
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±2.5V
TA = –55°C TO +125°C
x = 0.43V/°
σ = 0.32V/°C
Figure 7. Input Offset Voltage Drift Distribution
–9
–6
–3
0
3
0.1
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
G = +1
VOUT = 2V p-p
RL = 2kΩ
+25°C
–55°C
+125°C
Figure 8. Large Signal Frequency Response for Various Temperatures
TEMPERATURE (°C)
VS = ±2.5V
VS = ±5V
VS = ±1.5V
350
400
450
500
550
600
650
700
750
800
–55 –40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 9. Input Bias Current vs. Temperature for Various Supplies
–150
–100
–50
0
50
100
150
TEMPERATURE (°C)
VS = ±2.5V
–55 –40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 10. Input Offset Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com