Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7982
Description  0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 1 Page - Analog Devices

  AD7982 Datasheet HTML 1Page - Analog Devices AD7982 Datasheet HTML 2Page - Analog Devices AD7982 Datasheet HTML 3Page - Analog Devices AD7982 Datasheet HTML 4Page - Analog Devices AD7982 Datasheet HTML 5Page - Analog Devices AD7982 Datasheet HTML 6Page - Analog Devices AD7982 Datasheet HTML 7Page - Analog Devices AD7982 Datasheet HTML 8Page - Analog Devices AD7982 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
0.4 µV/°C Offset Drift, 105 MHz Low Power,
Low Noise, Rail-to-Rail Amplifier
Enhanced Product
ADA4805-2-EP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low input offset voltage: 125 µV (maximum)
Low input offset voltage drift
0.4 µV/°C (typical)
2.7 µV/°C (maximum)
Ultralow supply current: 500 µA per amplifier
Fully specified at VS = 3 V, 5 V, ±5 V
High speed performance
−3 dB bandwidth: 105 MHz
Slew rate: 160 V/µs
Settling time to 0.1%: 35 ns
Rail-to-rail outputs
Input common-mode range: −VS − 0.1 V to +VS − 1 V
Low noise: 5.9 nV/√Hz at 100 kHz; 0.6 pA/√Hz at 100 kHz
Low distortion: −102 dBc/−126 dBc HD2/HD3 at 100 kHz
Low input bias current: 470 nA (typical)
Small packaging
8-lead MSOP
ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Extended industrial temperature range (−55°C to +125°C)
Controlled manufacturing baseline
1 assembly/test site
1 fabrication site
Enhanced product change notification
Qualification data available upon request
APPLICATIONS
High resolution, high precision analog-to-digital converter
(ADC) drivers
Battery-powered instrumentation
Micropower active filters
Portable point of sales terminals
Active radio frequency identification (RFID) readers
Photomultipliers
ADC reference buffers
GENERAL DESCRIPTION
The ADA4805-2-EP is a high speed voltage feedback, rail-to-rail
output amplifier with an exceptionally low quiescent current of
500 µA, making it ideal for low power, high resolution data
conversion systems. Despite being low power, this amplifier
provides excellent overall performance. It offers a high bandwidth
of 105 MHz at a gain of +1, a high slew rate of 160 V/µs, and a
low input offset voltage of 125 µV (maximum).
TYPICAL APPLICATIONS CIRCUIT
AD7980
C2
10µF
IN+
IN–
GND
VDD
REF
C3
0.1µF
C4
100nF
VDD
C1
2.7nF
R3
20Ω
+7.5V
+7.5V
ADA4805-2-EP
ADA4805-2-EP
ADR435
5V REF
0V TO
VREF
Figure 1. Driving the AD7980 with the ADA4805-2-EP
The Analog Devices, Inc., proprietary extra fast complementary
bipolar (XFCB) process allows both low voltage and low current
noise (5.9 nV/√Hz, 0.6 pA/√Hz). The ADA4805-2-EP operates
over a wide range of supply voltages from ±1.5 V to ±5 V, as well as
single 3 V and 5 V supplies, making it ideal for high speed, low
power instruments.
The ADA4805-2-EP is available in an 8-lead MSOP package and is
rated to work over the extended industrial temperature range of
−55°C to +125°C. Additional application and technical infor-
mation can be found in the ADA4805-1/ADA4805-2 data sheet.
0
80
20
40
60
70
50
30
10
FREQUENCY (kHz)
–20
0
–40
–60
–80
–100
–120
–140
–160
–180
INPUT FREQUENCY = 10kHz
SNR = 89.4dB
THD = 104dB
SINAD = 89.3dB
Figure 2. FFT Plot for the Circuit Configuration in Figure 1
Table 1. Complementary ADCs to the ADA4805-2-EP
Product
ADC Power (mW)
Throughput
(MSPS)
Resolution
(Bits)
SNR
(dB)
AD7982
7.0
1
18
98
AD7984
10.5
1.33
18
98.5
AD7980
4.0
1
16
91
AD7685
10
0.25
16
88


Similar Part No. - AD7982

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7982 AD-AD7982 Datasheet
416Kb / 23P
18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7982 AD-AD7982 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7982 AD-AD7982 Datasheet
926Kb / 32P
Ultralow Power, Low Distortion
REV. B
AD7982 AD-AD7982 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7982 AD-AD7982 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
More results

Similar Description - AD7982

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4806-1 AD-ADA4806-1 Datasheet
661Kb / 24P
0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4806-1 AD-ADA4806-1_16 Datasheet
711Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com