Electronic Components Datasheet Search
  English  ▼

X  

AD7175-2 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7175-2
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 35Page - Analog Devices AD7175-2 Datasheet HTML 36Page - Analog Devices AD7175-2 Datasheet HTML 37Page - Analog Devices AD7175-2 Datasheet HTML 38Page - Analog Devices AD7175-2 Datasheet HTML 39Page - Analog Devices AD7175-2 Datasheet HTML 40Page - Analog Devices AD7175-2 Datasheet HTML 41Page - Analog Devices AD7175-2 Datasheet HTML 42Page - Analog Devices AD7175-2 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 39 of 59
AD7768
AVDD/2
OUT–
ADA4254
OUT+
AVSS
GPIO4/CLKIN
10kΩ
MCLK
200Ω
680pF
200Ω
270pF
270pF
+
–
+IN1
–IN1
+IN2
–IN2
AVDD1
VOCM
AVSS
AIN0+
AIN0–
AVDD
VSSH
VDDH
–15V
RL1
RL2
RTD
RL3
RREF
IOUT_LV
IOUT_HV
+15V
Figure 104. 3-Wire RTD Application
AD4007
AVDD/2
OUT–
ADA4254
OUT+
AVSS
GPIO4/CLKIN
10kΩ
CNV
200Ω
200Ω
500pF
500pF
+
–
+IN1
–IN1
+IN2
–IN2
VDD
VOCM
GND
IN+
IN–
AVDD
VSSH
VDDH
+28V
–28V
RFILTER
RFILTER
CFILTER
CFILTER
CFILTER
RSHUNT
HIGH SIDE
SUPPLY
LOAD
ADP7112-1.8V
IN
OUT
Figure 105. Current Sense Application
HIGH RAIL CURRENT SENSING
In high side configuration (current sensing configuration), the
shunt resistor is referenced to the high supply side. High voltage
is present at the inputs of the ADA4254. With the high common-
mode voltage range, the ADA4254 multiplexer can withstand
up to ±25 V on a ±28 V supply. The ADA4254 is ideal for
measuring currents with a wide dynamic range because of the
featured gain values, ranging from attenuation gains as low as
1/16 V/V to high gains up to 176 V/V with excellent gain
linearity and low offset voltage over temperature.
A low-pass filter minimizes the noise coupling in the measure-
ments. The ADA4254 has very low input bias current and input
bias offset current, which minimizes the error introduced by
the input bias current flowing through the resistor filter. The
matching of the filter resistors is required to minimize the error
contribution. The filter capacitors matching is also important.
Any mismatch in the capacitor value results in a degradation in
the CMMR of the ADA4254.
The ADA4254 internal chopping circuitry can be synchronized
to the companion ADC. This keeps the residual chopping noise
at the correct frequency and prevents it from folding back to a
frequency band of interest. To use the synchronization
functionality, configure GPIO4 to be an input by setting the
corresponding bit field in the GPIO_DIR register. Set the ADA4254
to accept an external clock by setting the EXT_CLK_IN bit field in
the SF_CFG register. Adjust the clock divider such that the
resulting clock is equal to 1 MHz. The divider can be adjusted
in SYNC_CFG register. The SYNC_CFG register also controls
the syncing edge polarity. It is recommended that two reads
from the M_CLK_CNT register are performed to ensure that
the master clock counter is incrementing, indicating that the
ADA4254 is receiving an external clock.
The ADA4254 on-chip diagnostics allow the user to check the
circuit connections. In current sensing applications, the circuit
connections are verified using the wire break detection capabilities
of the ADA4254. The WB_DETECT flag is set if one of the
connections to the shunt resistors is missing. Finally, the CRC
check, SCLK counter, and SPI read/write check make the interface
more robust because any read/write operations that are not
valid are detected. The CRC check highlights if any bits are
corrupted when being transmitted between the processor and the
ADA4254.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com