Electronic Components Datasheet Search
  English  ▼

X  

AD7175-2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7175-2
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7175-2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7175-2 Datasheet HTML 8Page - Analog Devices AD7175-2 Datasheet HTML 9Page - Analog Devices AD7175-2 Datasheet HTML 10Page - Analog Devices AD7175-2 Datasheet HTML 11Page - Analog Devices AD7175-2 Datasheet HTML 12Page - Analog Devices AD7175-2 Datasheet HTML 13Page - Analog Devices AD7175-2 Datasheet HTML 14Page - Analog Devices AD7175-2 Datasheet HTML 15Page - Analog Devices AD7175-2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 12 of 59
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
GAIN SETTING (V/V)
N = 80 UNITS
VOUT (ALL GAINS EXCEPT 1/16V/V) = 8V p-p
VOUT (1/16V/V) = 2V p-p
8
4
232
16
64 128
1/16 1/8 1/4 1/2
11/4
1
13/8
Figure 13. Gain Error vs. Gain Setting
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
GAIN SETTING (V/V)
8
4
232
16
64 128
N = 80 UNITS
VOUT (ALL GAINS EXCEPT 1/16V/V) = 8V p-p
VOUT (1/16V/V) = 2V p-p
1/16 1/8 1/4 1/2
11/4
1
13/8
Figure 14. Gain Error Distribution vs. Gain Setting
–3
–2
–1
0
1
2
3
GAIN SETTING (V/V)
N = 80 UNITS
VOUT (ALL GAINS EXCEPT 1/16V/V) = 8V p-p
VOUT (1/16V/V) = 2V p-p
TA = –40°C TO +105°C
8
4
232
16
64 128
1/16 1/8 1/4 1/2
11/4
1
13/8
Figure 15. Gain Error Drift vs. Gain Setting
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
GAIN SETTING (V/V)
N = 40 UNITS
VOUT (ALL GAINS EXCEPT 1/16V/V) = 8V p-p
VOUT (1/16V/V) = 2V p-p
1/16 1/8 1/4 1/2 18
4
232
16
64 128
13/8
11/4
Figure 16. Gain Error vs. Gain Setting Using Calibration Coefficients
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
GAIN SETTING (V/V)
1/16 1/8
1/4
1/2
18
4
232
16
64 128
13/8
11/4
N = 40 UNITS
VOUT (ALL GAINS EXCEPT 1/16V/V) = 8V p-p
VOUT (1/16V/V) = 2V p-p
Figure 17. Gain Error Distribution vs. Gain Setting Using Calibration
Coefficients
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
GAIN SETTING CHANGE (V/V)
N = 80 UNITS
VOUT (ALL GAINS EXCEPT 1/16V/V) = 8V p-p
VOUT (1/16V/V) = 2V p-p
Figure 18. Gain Error Deviation Between Sequential Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com