Electronic Components Datasheet Search
  English  ▼

X  

TLWR8901 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLWR8901
Description  TELUX LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR8901 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLWR8901 Datasheet HTML 1Page - Vishay Siliconix TLWR8901 Datasheet HTML 2Page - Vishay Siliconix TLWR8901 Datasheet HTML 3Page - Vishay Siliconix TLWR8901 Datasheet HTML 4Page - Vishay Siliconix TLWR8901 Datasheet HTML 5Page - Vishay Siliconix TLWR8901 Datasheet HTML 6Page - Vishay Siliconix TLWR8901 Datasheet HTML 7Page - Vishay Siliconix TLWR8901 Datasheet HTML 8Page - Vishay Siliconix TLWR8901 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLWR8900, TLWR8901, TLWR8902, TLWY8900
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 18-Apr-17
4
Document Number: 83212
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Relative Intensity vs. Wavelength
Fig. 6 - Forward Current vs. Forward Voltage
Fig. 7 - Forward Current vs. Forward Voltage
Fig. 8 - Relative Luminous Flux vs. Forward Current
Fig. 9 - Relative Luminous Flux vs. Forward Current
Fig. 10 - Specific Luminous Flux vs. Forward Current
0
0.2
0.4
0.6
0.8
1.0
1.2
540
560
580
600
620
640
λ - Wavelength (nm)
16008
yellow
0
10
20
30
40
50
60
70
80
90
100
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
VF - Forward Voltage (V)
20176
red
0
10
20
30
40
50
60
70
80
90
100
1.4
1.6
1.8
2.0
2.2
2.4
V
F - Forward Voltage (V)
15975
yellow
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
15978
red
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
15979
yellow
0.1
1.0
1
10
100
IF - Forward Current (mA)
18022
red



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com