Electronic Components Datasheet Search
  English  ▼

X  

TLWR8901 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLWR8901
Description  TELUX LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR8901 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLWR8901 Datasheet HTML 1Page - Vishay Siliconix TLWR8901 Datasheet HTML 2Page - Vishay Siliconix TLWR8901 Datasheet HTML 3Page - Vishay Siliconix TLWR8901 Datasheet HTML 4Page - Vishay Siliconix TLWR8901 Datasheet HTML 5Page - Vishay Siliconix TLWR8901 Datasheet HTML 6Page - Vishay Siliconix TLWR8901 Datasheet HTML 7Page - Vishay Siliconix TLWR8901 Datasheet HTML 8Page - Vishay Siliconix TLWR8901 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLWR8900, TLWR8901, TLWR8902, TLWY8900
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 18-Apr-17
1
Document Number: 83212
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TELUX LED
DESCRIPTION
The TELUX series is a clear, non diffused LED for
applications where supreme luminous flux is required.
It is designed in an industry standard 7.62 mm square
package utilizing highly developed AllnGaP technology.
The supreme heat dissipation of TELUX allows applications
at high ambient temperatures.
All packing units are binned for luminous flux, forward
voltage, and color to achieve the most homogenous light
appearance in application.
SAE and ECE color requirements for automobile application
are available for color red.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: TELUX
• Product series: power
• Angle of half intensity: ± 45°
FEATURES
• High luminous flux
• Supreme heat dissipation: RthJP is 90 K/W
• High operating temperature:
Tamb = -40 °C to +110 °C
• Meets SAE and ECE color requirements for the
automobile industry for color red
• Packed in tubes for automatic insertion
• Luminous flux, forward voltage, and color
categorized for each tube
• Small mechanical tolerances allow precise
usage of external reflectors or lightguides
• Compatible with wave solder processes according to
CECC 00802
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Exterior lighting
• Dashboard illumination
• Tail-, stop-, and turn signals of motor vehicles
• Replaces small incandescent lamps
• Traffic signals and signs
Note
(1) Driving the LED in reverse direction is suitable for a short term application
19232
PARTS TABLE
PART
COLOR
LUMINOUS FLUX
(mlm)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.
TLWR8900
Red
2000
3700
-
70
611
616
634
70
1.83
2.2
2.67
70
AlInGaP on GaAs
TLWR8901
Red
2000
3700
4800
70
611
616
634
70
1.83
2.2
2.67
70
AlInGaP on GaAs
TLWR8902
Red
3000
3900
4800
70
611
616
634
70
1.95
2.2
2.67
70
AlInGaP on GaAs
TLWY8900
Yellow
2000
3200
-
70
585
591
597
70
1.83
2.1
2.67
70
AlInGaP on GaAs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLWR8900, TLWR8901, TLWR8902, TLWY8900
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
IR = 100 μA
VR
10
V
DC forward current
Tamb
≤ 85 °C
IF
70
mA
Surge forward current
tp
≤ 10 μs
IFSM
1A
Power dissipation
PV
187
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +110
°C
Storage temperature range
Tstg
-55 to +110
°C
Soldering temperature
t
≤ 5 s, 1.5 mm from body preheat
temperature 100 °C / 30 s
Tsd
260
°C
Thermal resistance junction-to-ambient
With cathode heatsink of 70 mm2
RthJA
200
K/W
Thermal resistance junction-to-pin
RthJP
90
K/W


Similar Part No. - TLWR8901

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWR8901 VISHAY-TLWR8901 Datasheet
2Mb / 4P
LEDs for Automotive and Outdoor Applications
TLWR8901 VISHAY-TLWR8901 Datasheet
330Kb / 9P
TELUX LED
18-Apr-17
More results

Similar Description - TLWR8901

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
TELUX LED
22-Apr-03
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
TELUX LED
14-Jan-05
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
TELUX LED
15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
TELUX LED
15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
TELUX LED
14-Jun-12
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
TELUX LED
15-Dec-10
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
TELUX LED
14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
TELUX LED
20-Sep-2021
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
TELUX LED
07-Oct-15
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
TELUX LED
18-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com