Electronic Components Datasheet Search
  English  ▼

X  

7B40 Datasheet(PDF) 4 Page - Analog Devices

Part # 7B40
Description  Isolated Voltage or Current Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B40 Datasheet(HTML) 4 Page - Analog Devices

  7B40 Datasheet HTML 1Page - Analog Devices 7B40 Datasheet HTML 2Page - Analog Devices 7B40 Datasheet HTML 3Page - Analog Devices 7B40 Datasheet HTML 4Page - Analog Devices 7B40 Datasheet HTML 5Page - Analog Devices 7B40 Datasheet HTML 6Page - Analog Devices 7B40 Datasheet HTML 7Page - Analog Devices 7B40 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7B40
Rev. 0 | Page 4 of 8
0.1Hz-10Hz Bandwidth
0.5uV peak
Bandwidth, -3dB (7-pole Butterworth Filter)
10 KHz (2)
Output Rise Time, 10-90% span
40 us (2)
Common-Mode Voltage (CMV)
Input-to-Output and Power Continues
1500 Vrms min
Common Mode Rej. (CMR)
110 dB
Normal Mode Rej. (NMR) 50/60 Hz
100 dB/dec >10 Khz (2)
Input Protection
240 Vrms, +/-35Vdc continuous
Input Transient Protection
ANSI/IEEE C37.90.1-1989
Output Resistance
<1 Ohm
Output Voltage/ Current Limit
+/-12V, +/-14mA
Power Supply
Voltage, Rated Performance
14-35Vdc
Current
20mA max
Sensitivity
+/-0.0001%/%Vs
Mechanical Dimensions
1.663"x2.11"x0.563"
(42.24mm x 53.6mm x 14.3mm)
Weight
60 gms
Environmental
Temperature Range, Operating
-40°C to +85°C
Temperature Range, Storage
-40°C to +85°C
Relative Humidity
0 to 90% @ +60°C non-condensing
ESD Sensitivity
IEC 801-2, Level 2
RFI Susceptibility
0.1% span max @ 158,440 MHz, 5W, 3 ft.
Warm-up time required to meet specifications is approximately 10 minutes.
(1) +/- 5V and +/- 10V output ranges are available as custom configurations.
(2) Custom Bandwidths available, Rise and Fall times, NMR frequency will vary accordingly
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com