Electronic Components Datasheet Search
  English  ▼

X  

7B40 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B40
Description  Isolated Voltage or Current Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B40 Datasheet(HTML) 3 Page - Analog Devices

  7B40 Datasheet HTML 1Page - Analog Devices 7B40 Datasheet HTML 2Page - Analog Devices 7B40 Datasheet HTML 3Page - Analog Devices 7B40 Datasheet HTML 4Page - Analog Devices 7B40 Datasheet HTML 5Page - Analog Devices 7B40 Datasheet HTML 6Page - Analog Devices 7B40 Datasheet HTML 7Page - Analog Devices 7B40 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B40
Rev. 0 | Page 3 of 8
7B40 Models Available
Model
Input Range
Output Range
7B40-01-1
0-10mV
1-5V
7B40-01-2
0-10mV
0-10V
7B40-02-1
0-100mV
1-5V
7B40-02-2
0-100mV
0-10V
7B40-03-1
0-1V
1-5V
7B40-03-2
0-1V
0-10V
7B40-06-1
+/-10mV
1-5V
7B40-06-2
+/-10mV
0-10V
7B40-07-1
+/-100mV
1-5V
7B40-07-2
+/-100mV
0-10V
7B40-08-1
+/-1V
1-5V
7B40-08-2
+/-1V
0-10V
7B40 Specifications
Wideband mV/V Isolated Input module (typical @ +25C and +24 Vdc)
Description
Model 7B40
Range1
Standard Range
+/- 5mV to +/- 1V
Custom Ranges
YES
Output Range Options (RL > 2 k
Ω)
1-5V or 0-10V (1)
Accuracy2
Initial @25C
0.01% span (0.1% max)
Nonlinearity (BSL)
+/-0.02% max
Input Ofs vs. Temp
0.5uV/C
Zero Suppression vs. Temp
0.002%Vz/C
Span vs. Temp
+/-35ppm/C
Output Ofs vs. Temp
+/-0.001% span
Input Bias Current
+/- 100 pA
Input Resistance
Power On
>1G Ohm
Power Off
>1G Ohm
Overload
200K Ohm
Output Noise
5MHz Bandwidth
2mV peak
10Hz-100KHz Bandwidth
1mV rms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com