Electronic Components Datasheet Search
  English  ▼

X  

MAX753C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX753C/D
Description  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX753C/D Datasheet HTML 6Page - Maxim Integrated Products MAX753C/D Datasheet HTML 7Page - Maxim Integrated Products MAX753C/D Datasheet HTML 8Page - Maxim Integrated Products MAX753C/D Datasheet HTML 9Page - Maxim Integrated Products MAX753C/D Datasheet HTML 10Page - Maxim Integrated Products MAX753C/D Datasheet HTML 11Page - Maxim Integrated Products MAX753C/D Datasheet HTML 12Page - Maxim Integrated Products MAX753C/D Datasheet HTML 13Page - Maxim Integrated Products MAX753C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
10
______________________________________________________________________________________
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Strike Voltage (VS)
VS,RMS
1100
1500
VRMS
Discharging Tube Current (IL)
ILAMP,RMS
0.001376
0.005
ARMS
Discharging Tube Voltage (VL)
VLAMP,RMS
435
VRMS
Bias Voltage
VLCD
16.3
32.6
V
Output Current
ILCD
0.0245
A
T1 Turns Ratio (Sec/Pri) (Note 2)
n
171
T1 Resonating Inductance (Note 2)
LMAG
0.000045
H
C9 Value (Note 3)
CRES
2.2E-07
F
C10 Value
CBAL
1.5E-11
F
Royer Frequency
w
317820.86
rad/s
Reference Voltage
VREF
1.25
V
Second Volts Constant
sV
0.000008
2.4E-05
sV
R8 Current-Sensing Resistor
R8
555.36037
Ω
Secondary Voltage Phase vs. Tube Voltage
phi
-1.1776341
Radian
Secondary Limit Voltage
VLIM
1350
VRMS
T1 Center-Tap Limit Peak Voltage
11.164844
VPEAK
R5/R6
ROTP,RATIO
0.1341944
Ω/Ω
VIN(min) Full-Load Switching Period
TFL
1.639E-06
s
L2 Inductance
L2
1.96E-05
2.4E-05
H
L2 Peak Currrent
1.22704
A
R4/R3
RLCD,RATIO
0.0398724
Ω/Ω
Input Voltage
VIN
5.978103
18
V
Table 2. CCFL Circuit Design Example (Note 1)
T1 Center-Tap Peak Voltage
VTAP,PK
9.3903817
VPEAK
Note 1:
To perform your own calculations for the parameters given in Table 2 (Design Example), use the equations given in Table
3 (Design Equations).
Note 2:
T1 = Sumida’s EPS207
Note 3:
C9 = Wima’s SMD 7.3 __/63
CCFL Specifications
LCD Contrast Voltage Specifications
Royer Specifications
MAX754 Specifications
CCFL Circuit Calculations
LCD Circuit Calculations
Application Circuit Operating Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com