Electronic Components Datasheet Search
  English  ▼

X  

MAX753C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX753C/D
Description  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX753C/D Datasheet HTML 1Page - Maxim Integrated Products MAX753C/D Datasheet HTML 2Page - Maxim Integrated Products MAX753C/D Datasheet HTML 3Page - Maxim Integrated Products MAX753C/D Datasheet HTML 4Page - Maxim Integrated Products MAX753C/D Datasheet HTML 5Page - Maxim Integrated Products MAX753C/D Datasheet HTML 6Page - Maxim Integrated Products MAX753C/D Datasheet HTML 7Page - Maxim Integrated Products MAX753C/D Datasheet HTML 8Page - Maxim Integrated Products MAX753C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
_______________________________________________________________________________________
3
Note 1: Maximum shutdown current occurs at BATT = LX = 0V.
Note 2: Timing specifications are guaranteed by design and not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V, BATT = 15V, CON = LON = 5V, LX = GND = PGND = 0V, IREF = 0mA, all digital input levels are 0V or 5V,
TA = TMIN to TMAX, unless otherwise noted.)
At zero scale (code = 0)
At full scale (DAC code = 31)
At full scale (DAC code = 63)
Guaranteed monotonic
BATT = 4V, LX = 0V
BATT = 16V
Sink current, CFB = 5V, CC = 2.5V
Source current, CFB = 0V, CC = 2.5V
At zero scale (code = 0)
BATT = 4V
CONDITIONS
µA
12
20
LX Input Current
µA
12
20
BATT Input Current
nA
±150
LFB Input Leakage Current
595
625
655
893
928
963
mV
1200
1240
1280
MAX753 Feedback Voltage (REF-LFB)
Bits
6
DAC Resolution
µs
35
70
Switching Period
0.5
1.5
µs
25
Switch On-Time
745
782
820
mV
1210
1250
1290
Feedback Voltage (CFB)
200
µA
50
Feedback-Amplifier Output Current
V/µs
0.4
Feedback-Amplifier Slew Rate
320
343
365
nA
±100
Feedback-Amplifier Input Bias Current
MHz
1
Feedback-Amplifier Unity-Gain Bandwidth
UNITS
MIN
TYP
MAX
PARAMETER
At preset DAC, CON = 0V, CADJ = 5V
(code = 15)
ns
100
CADJ, LADJ High Width (tSH)
ns
0
Reset Hold Time (tRH)
ns
0
Reset Setup Time (tRS)
ns
110
Reset Pulse Width (tR)
At preset DAC, LON = 0V, LADJ = 5V
(code = 31)
LON = CON = CS = LFB = CFB = LADJ =
CADJ = LX = 0V
LON = CON = CS = LFB = CFB = LADJ =
CADJ = 0V, LX = BATT = 15V
ns
100
CADJ, LADJ Low Width (tSL)
ns
50
CADJ Low to CON Low or
LADJ Low to LON Low (tSD)
At zero scale (code = 0)
At preset DAC, LON = 0V, LADJ = 5V
(code = 31)
At full scale (DAC code = 63)
610
635
660
905
938
971
mV
1210
1250
1290
MAX754 Feedback Voltage (LFB)
LCD CONTROLLER
TIMING (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com