Electronic Components Datasheet Search
  English  ▼

X  

MAX17115 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17115
Description  Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17115 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17115 Datasheet HTML 15Page - Maxim Integrated Products MAX17115 Datasheet HTML 16Page - Maxim Integrated Products MAX17115 Datasheet HTML 17Page - Maxim Integrated Products MAX17115 Datasheet HTML 18Page - Maxim Integrated Products MAX17115 Datasheet HTML 19Page - Maxim Integrated Products MAX17115 Datasheet HTML 20Page - Maxim Integrated Products MAX17115 Datasheet HTML 21Page - Maxim Integrated Products MAX17115 Datasheet HTML 22Page - Maxim Integrated Products MAX17115 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Internal-Switch Boost Regulator and High-Voltage,
Low-Dropout Linear Regulator for TFT LCDs
_______________________________________________________________________________________ _ 21
Step-Up Regulator
The largest portions of power dissipation in the step-
up regulator are the internal MOSFET, the inductor,
and the output diode. If the step-up regulator has 90%
efficiency, approximately 3% to 5% of the power is lost
in the internal MOSFET, approximately 3% to 4% in the
inductor, and approximately 1% in the output diode.
The remaining 1% to 3% is distributed among the input
and output capacitors and the PCB traces. If the input
power is approximately 5W, the power loss in the internal
MOSFET is approximately 150mW to 250mW. The follow-
ing formula can be used to estimate the power loss in
the internal power MOSFET (excluding switching losses):
2
LX_ON
IN(DC,MAX)
DSON
P
I
R
D
=
×
×
where RDSON is the on-resistance for the internal power
MOSFET.
Operational Amplifiers
The power dissipated in the buffer amplifier depends on
the output current, the output voltage, and the supply
voltage:
(
)
SOURCE
OPO_SOURCE
VOP
OPO
PD
= I
V
- V
×
SINK
OPO_SINK
OPO
PD
= I
V
×
where IOPO_SOURCE is the output current sourced by
the amplifier, and IOPO_SINK is the output current that
the amplifier sinks.
High-Voltage LDO Regulator
The power dissipation of the high-voltage LDO depends
on load current and the voltage drop between VREF_I and
VREF_O. It can be estimated by the following formula:
LR LOAD
DROP
P =I
V
×
where ILOAD is the output current from the LDO and
VDROP is the voltage drop between VREF_I and VREF_O.
PCB Layout and Grounding
Careful PCB layout is important for proper operation. Use
the following guidelines for good PCB layout:
U
Minimize the area of high-current loops by placing
the inductor, the output diode, and the output capaci-
tors near the input capacitors and near the LX and
PGND pins. The high-current input loop goes from the
positive terminal of the input capacitor to the induc-
tor, to the IC’s LX pin, out of PGND, and to the input
capacitor’s negative terminal. The high-current output
loop is from the positive terminal of the input capaci-
tor to the inductor, to the output diode (D1), and to the
positive terminal of the output capacitors, reconnect-
ing between the output capacitor and input capacitor
ground terminals. Connect these loop components
with short, wide connections. Avoid using vias in the
high-current paths. If vias are unavoidable, use many
vias in parallel to reduce resistance and inductance.
Create a power-ground island (PGND) consisting
of the input and output capacitor grounds, PGND
pin, and any charge-pump components. Connect
all these together with short, wide traces or a small
ground plane. Maximizing the width of the power
ground traces improves efficiency and reduces out-
put voltage ripple and noise spikes. Create an analog
ground plane (AGND) consisting of the AGND pin, all
the feedback-divider ground connections, the opera-
tional amplifier divider ground connection, the COMP,
VDPM and SS capacitor ground connections, and the
device’s exposed backside pad. Connect the AGND
and PGND islands by connecting the PGND pin
directly to the exposed backside pad. Make no other
connections between these separate ground planes.
U
Place all feedback voltage-divider resistors within
5mm of their respective feedback pins. The divider’s
center trace should be kept short. Placing the resis-
tors far away causes their FB traces to become
antennas that can pick up switching noise. Take care
to avoid running any feedback trace near LX or the
switching nodes in the charge pumps, or provide a
ground shield.
U
Place the IN pin bypass capacitors as close as pos-
sible to the device. The ground connection of the IN
bypass capacitor should be connected directly to the
AGND pin with a wide trace.
U
Minimize the length and maximize the width of the
traces between the output capacitors and the load for
best transient response.
U
Minimize the size of the LX node while keeping it wide
and short. Keep the LX node away from feedback
nodes (FB) and analog ground. Use DC traces to
shield necessary.
Refer to the MAX17115 evaluation kit for an example of
proper PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com