Electronic Components Datasheet Search
  English  ▼

X  

MAX17115 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17115
Description  Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17115 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17115 Datasheet HTML 1Page - Maxim Integrated Products MAX17115 Datasheet HTML 2Page - Maxim Integrated Products MAX17115 Datasheet HTML 3Page - Maxim Integrated Products MAX17115 Datasheet HTML 4Page - Maxim Integrated Products MAX17115 Datasheet HTML 5Page - Maxim Integrated Products MAX17115 Datasheet HTML 6Page - Maxim Integrated Products MAX17115 Datasheet HTML 7Page - Maxim Integrated Products MAX17115 Datasheet HTML 8Page - Maxim Integrated Products MAX17115 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Internal-Switch Boost Regulator and High-Voltage,
Low-Dropout Linear Regulator for TFT LCDs
4_ _ _______________________________________________________________________________________
ELECTRICAL_CHARACTERISTICS_(continued)
(VIN = VEN = +5V, Circuit of Figure 1, VVOP = +16V, VVGH = 30V, TA_=_0°C_to_+85°C, unless otherwise noted. Typical values are at
TA = +25°C.)
ELECTRICAL_CHARACTERISTICS
(VIN = VEN = +5V, Circuit of Figure 1, VVOP = +16V, VVGH = 30V, TA_=_-40°C_to_+85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
IN Input Supply Range
(Note 1)
2.5
6.0
V
IN Undervoltage Lockout
VIN rising, hysteresis = 200mV
2.0
2.5
V
IN Quiescent Current
VFB = 1.3V, LX not switching
1
mA
VFB = 1.2V, switching
5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOP Input Offset Voltage
VOPI = VVOP/2
-14
+14
mV
OPI Input-Bias Current
VOPO, VOPI = VVOP /2, TA = +25°C
-50
+50
nA
Input Common-Mode
Voltage Range
0
VVOP
V
OPO Output Voltage High
IOPO = +5mA, VOPI = VVOP
VVOP
- 100
VVOP
- 40
mV
OPO Output Voltage Low
IOPO = -5mA, VOPI = 0V
40
100
mV
Slew Rate
20% to 80% of VVOP, CLOAD = 10pF, RLOAD = 10kW
45
V/µs
-3dB Bandwidth
CLOAD = 10pF, RLOAD = 10kW
20
MHz
Short-Circuit Current
Sourcing, VOPI = VVOP - 3V, VOPO = VVOP - 4V
100
200
mA
Sinking, VOPI = 3V, VOPO = 4V
100
200
Power-Supply Rejection Ratio
DC,10V P VVOP P 18V
60
dB
XAO_FUNCTION
VDET Threshold
VDET falling, VIN = 5V
1.22
1.24
1.26
V
VDET Hysteresis
50
mV
VDET Input-Bias Current
VVDET = 0V or 5V, TA = +25°C
-1
+1
µA
XAO Output Voltage
VVDET = 0V, IXAO = 10mA
0.1
0.4
V
HIGH-VOLTAGE_STRESS_MODE
HVS_EN Input Low Voltage
0.8
V
HVS_EN Input High Voltage
2.1
V
HVS_EN Pulldown Resistance
300
kI
RHVS Output Voltage
(Note 1)
6
V
RHVS Leakage Current
VRHVS = 6V, VHVS_EN = 0V, TA = +25°C
µA
RHVS On-Resistance
VHVS_EN = 5V, IRHVS = 10mA
6
20
W
CONTROL_INPUTS
Input Low Voltage [EN, FREQ]
VIN = 2.5V to 6V
0.6
V
Input High Voltage [EN, FREQ]
VIN = 4.5V to 6V
2.4
V
VIN = 2.5V to 4.5V
1.9
Hysteresis [EN, FREQ]
0.15
V
Input-Bias Current [EN]
TA = +25°C
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com