Electronic Components Datasheet Search
  English  ▼

X  

MAX14690 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14690
Description  PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14690 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14690 Datasheet HTML 17Page - Maxim Integrated Products MAX14690 Datasheet HTML 18Page - Maxim Integrated Products MAX14690 Datasheet HTML 19Page - Maxim Integrated Products MAX14690 Datasheet HTML 20Page - Maxim Integrated Products MAX14690 Datasheet HTML 21Page - Maxim Integrated Products MAX14690 Datasheet HTML 22Page - Maxim Integrated Products MAX14690 Datasheet HTML 23Page - Maxim Integrated Products MAX14690 Datasheet HTML 24Page - Maxim Integrated Products MAX14690 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Thermistor/JEITA Monitoring
with Charger Shutdown
The MAX14690 includes thermistor and JEITA monitor-
ing to enhance safety when charging Li+ batteries. The
battery pack temperature is measured from a divider
formed by a pullup resistor connected to CAP and the
battery-pack thermistor. The THM pin measures the
voltage across the resistor divider and converts it to
temperature. There are five temperature zones that can
be read from the ThermStat bits in I2C. When therm-
istor monitoring is enabled, the charger is disabled
for temperatures below T1 or above T3, as shown
in Figure 4a. When JEITA monitoring is enabled, the
charger will be disabled for temperatures below T1
or above T4, as shown in Figure 4b. See Table 2 and
Table 3 on configuring the thermistor/JEITA monitoring.
I2C Interface
The MAX14690 uses the two-wire I2C interface to com-
municate with the host microcontroller. The configuration
settings and status information provided through this
interface are detailed in the register descriptions.
I2C Addresses
The registers of the MAX14690 are accessed through
the slave address of 0101000 (0x50 for writes/0x51 for
reads).
Table 2. Thermistor Monitoring/JEITA
Monitoring Enable Control
Table 3. Voltage and Example
Temperature Thresholds
Figure 4a. Charging Behavior Using Thermistor Monitor
Figure 4b. Charging Behavior Using JEITA Monitor
T1
T4
TEMPERATURE (°C)
CHARGING
NO
CHARGING
NO
CHARGING
T2
T3
T1
T4
TEMPERATURE (°C)
CHARGING
NO
CHARGING
NO
CHARGING
T2
T3
ICHG
VBATREG
T1
T4
TEMPERATURE (°C)
CHARGING
NO
CHARGING
NO
CHARGING
T2
T3
T1
T4
TEMPERATURE (°C)
CHARGING
NO
CHARGING
NO
CHARGING
T2
T3
ICHG
VBATREG
-150mv
-150mv
ThermEn JEITAEn FUNCTION
0
—
Thermistor/JEITA Monitoring Off
1
0
Thermistor Monitoring On
1
1
JEITA Monitoring On
%CAP Thresholds
on THM
Temperature Thresholds
RPU = 10k, RTHM = 10k
(β = 3380)
T1
73.9
0°C
T2
64.5
10°C
T3
32.9
45°C
T4
23.3
60°C
MAX14690
PMIC with Ultra-Low IQ Voltage Regulators and
Battery Charger for Small Lithium Ion Systems
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com