Electronic Components Datasheet Search
  English  ▼

X  

MAX14690 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14690
Description  PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14690 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14690 Datasheet HTML 1Page - Maxim Integrated Products MAX14690 Datasheet HTML 2Page - Maxim Integrated Products MAX14690 Datasheet HTML 3Page - Maxim Integrated Products MAX14690 Datasheet HTML 4Page - Maxim Integrated Products MAX14690 Datasheet HTML 5Page - Maxim Integrated Products MAX14690 Datasheet HTML 6Page - Maxim Integrated Products MAX14690 Datasheet HTML 7Page - Maxim Integrated Products MAX14690 Datasheet HTML 8Page - Maxim Integrated Products MAX14690 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
(VCHGIN = 5.0V, VBAT = 3.7V, TA = -40°C to +85°C, all registers in their default state, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL SUPPLY CURRENT (L_IN Connected to SYS)
Charger Input Current
ICHG
All functions disabled
0.26
mA
Power on, VCHGIN = 5V
SYS switch closed, buck regulators in
burst mode, LDO1 enabled, ISYS = 0A,
IB_OUT = 0A, IL_OUT = 0A
2
BAT Input Current
IBAT
Power off, VCHGIN = 0V,
SYS switch open
0.95
µA
Power on, VCHGIN = 0V
SYS switch closed, 2x buck regulators
in Burst mode, LDOs disabled.
ISYS = 0A, IB_OUT = 0A
3
Power on, VCHGIN = 0V
SYS switch closed, 2x buck regulators
in Burst mode, LDO1 enabled,
ISYS = 0A, IB_OUT = 0A, IL_OUT = 0A
3.5
Power on, VCHGIN = 0V
SYS switch closed, 2x buck regulators
in burst mode, 3x LDOs enabled,
ISYS = 0A, IB_OUT = 0A, IL_OUT =0A
4.6
BUCK REGULATOR 1
(VSYS = +3.7V, Burst mode operation, L = 2.2µH, C = 10µF, VB1OUT = 1.2V)
Input Voltage
VIN_BUCK1
Input voltage = VSYS
2.7
5.5
V
Output Voltage
VOUT_BUCK1
25mV step resolution (Note 2)
0.8
1.8
V
Quiescent Supply Current
IQ_BUCK1
Burst mode, IOUT = 0mA (Note 3)
0.915
2
µA
IPWM1_BUCK1
FPWM mode, L = 4.7µH (ESR = 0.6Ω,
2MHz RAC = 2.13Ω), IOUT = 0mA
2.5
3.5
mA
Output Accuracy
ACCBUCK1
IOUT = 1mA
(VOUT_BUCK1 > 1V, C > 50µF)
-2.6
+2.9
%
Load Regulation
VERR_BUCK1
From IOUT = 0 to 200mA
(VB1OUT = 1.2V average voltage)
-3
-1
%
Peak-to-Peak Ripple in
Burst Mode
VPPRIPPLE1
IOUT = 10mA, C = 20µF
25
mV
IOUT = 10mA, C = 10µF
43
Maximum Operative Output
Current
IOUT_BUCK1
200
mA
B1OUT Pulldown Current
ILEAK_B1OUT
VOUT = VSYS
200
350
µA
VREG < VOUT < VREG + 0.1V
10
100
nA
pMOS On-Resistance
RONP_BUCK1
0.22
0.4
Ω
nMOS On-Resistance
RONN_BUCK1
0.18
0.3
Ω
Oscillator Frequency
fBUCK1
FPWM mode
1.78
2
2.24
MHz
MAX14690
PMIC with Ultra-Low IQ Voltage Regulators and
Battery Charger for Small Lithium Ion Systems
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com