Electronic Components Datasheet Search
  English  ▼

X  

MAX14808 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14808
Description  Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14808 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14808 Datasheet HTML 17Page - Maxim Integrated Products MAX14808 Datasheet HTML 18Page - Maxim Integrated Products MAX14808 Datasheet HTML 19Page - Maxim Integrated Products MAX14808 Datasheet HTML 20Page - Maxim Integrated Products MAX14808 Datasheet HTML 21Page - Maxim Integrated Products MAX14808 Datasheet HTML 22Page - Maxim Integrated Products MAX14808 Datasheet HTML 23Page - Maxim Integrated Products MAX14808 Datasheet HTML 24Page - Maxim Integrated Products MAX14808 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
Maxim Integrated
MAX14808/MAX14809
Octal Three-Level/Quad Five-Level High-Voltage
2A Digital Pulsers with T/R Switch
Pin Configurations (continued)
TQFN
(10mm x 10mm x 0.75mm)
*CONNECT EP TO GND
18
20
19
21
22
23
24
25
26
27
28
29
30
31
GND
+
VDD
DINP5
*EP
DINN5
DINP6
DINN6
DINP7
DINN7
DINP8
DINN8
VCC
VEE
VGNB
VGPB
GND
VDD
DINP1
DINN1
DINP2
DINN2
DINP3
DINN3
DINP4
DINN4
VCC
VEE
VGNA
VGPA
VPPA
GND
VNNA
60
59
58
57
56
55
66
65
68
67
64
63
62
61
1
234
56
78
91011121314
51 50 49 48 47 46 45 44 43 42 41 40 39 38
15 16 17
37 36 35
32 VPPB
33 GND
34 VNNB
54
53
52
MAX14809
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com