Electronic Components Datasheet Search
  English  ▼

X  

MAX14808 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14808
Description  Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14808 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14808 Datasheet HTML 1Page - Maxim Integrated Products MAX14808 Datasheet HTML 2Page - Maxim Integrated Products MAX14808 Datasheet HTML 3Page - Maxim Integrated Products MAX14808 Datasheet HTML 4Page - Maxim Integrated Products MAX14808 Datasheet HTML 5Page - Maxim Integrated Products MAX14808 Datasheet HTML 6Page - Maxim Integrated Products MAX14808 Datasheet HTML 7Page - Maxim Integrated Products MAX14808 Datasheet HTML 8Page - Maxim Integrated Products MAX14808 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
Maxim Integrated
MAX14808/MAX14809
Octal Three-Level/Quad Five-Level High-Voltage
2A Digital Pulsers with T/R Switch
DC ELECTRICAL CHARACTERISTICS (continued)
((VDD = +3V, VCC = +5V, VEE = -5V, VPPA = +100V, VNNA = -100V, VPPB = +100V, VNNB = -100V, 1µF bypass capacitor between
VGNA and VNNA, 1FF bypass capacitor between VGNB and VNNB, 1µF bypass capacitor between VGPA and VPPA, 1µF bypass
capacitor between VGPB and VPPB, VLDO_EN = 0V, no load, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VEE Supply Current
IEEQ
DINN_ = DINP_ = GND
0.26
0.4
mA
DINN_ = DINP_ =
VDD
MAX14808
9.4
13
MAX14809
1.37
2
VCC Supply Current
ICCQ
DINN_ = DINP_ = GND
0.49
0.75
mA
DINN_ = DINP_ =
VDD
MAX14808
9.6
13.2
MAX14809
1.6
2.3
VCC Supply Current Increase in
Clocked Mode
D
ICC
Differential clock mode
3.5
5
mA
VNN_ Total Supply Current
(Quiescent Mode)
INNQ_
All inputs connected to GND or VDD
195
305
F
A
VPP_ Total Supply Current
(Quiescent Mode)
IPPQ_
All inputs connected to GND or VDD
220
340
F
A
Total Power Dissipation per
Channel (Disable Mode)
PPDIS1
T/R switch off, damp off (transparent
mode)
5.7
mW
PPDIS2
DINN_ = DINP_ =
VDD
MAX14808
17
MAX14809
7
SUPPLY CURRENT—OCTAL THREE-LEVEL MODE, NO LOAD (MODE0 = High, MODE1 = Low)
VDD Supply Current (Quiescent
Mode)
IDD
All inputs connected
to GND or VDD
Transparent or
single-ended clock
mode
1.7
3
F
A
Differential clock
mode, VCLKD =
0.2V
110
190
VEE Supply Current (Quiescent
Mode)
IEEQ
DINN_ = DINP_ = GND
0.26
0.4
mA
DINN_ = DINP_ =
VDD
MAX14808
9.4
13
MAX14809
1.37
2
VCC Supply Current (Quiescent
Mode)
ICCQ
DINN_ = DINP_ = GND
0.49
0.75
mA
DINN_ = DINP_ =
VDD
MAX14808
9.6
13.2
MAX14809
1.6
2.3
VCC Supply Current Increase in
Clocked Mode
D
ICC
Differential clock mode
3.5
5
mA
VNN_ Total Supply Current
(Quiescent Mode)
INNQ_
All inputs connected to GND or VDD
195
305
F
A
VPP_ Total Supply Current
(Quiescent Mode)
IPPQ_
All inputs connected to GND or VDD
220
340
F
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com