Electronic Components Datasheet Search
  English  ▼

X  

MAX16913 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16913
Description  Remote Antenna Current-Sense Amplifier and Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16913 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16913 Datasheet HTML 1Page - Maxim Integrated Products MAX16913 Datasheet HTML 2Page - Maxim Integrated Products MAX16913 Datasheet HTML 3Page - Maxim Integrated Products MAX16913 Datasheet HTML 4Page - Maxim Integrated Products MAX16913 Datasheet HTML 5Page - Maxim Integrated Products MAX16913 Datasheet HTML 6Page - Maxim Integrated Products MAX16913 Datasheet HTML 7Page - Maxim Integrated Products MAX16913 Datasheet HTML 8Page - Maxim Integrated Products MAX16913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX16913/MAX16913A high-voltage high-side cur-
rent-sense switches feature internal current limiting to
prevent system damage due to fault conditions. The
MAX16913/MAX16913A input voltage range extends
from 5V to 18V, making them ideal for providing phantom
power to remote radio-frequency low-noise amplifiers
(LNAs) in automotive applications.
The MAX16913/MAX16913A monitor the load current
and provide an analog output voltage proportional to the
sensed load current. In addition to current sensing, accu-
rate internal current-limiting circuitry protects the input
supply against both overload and short-circuit conditions.
Two open-drain fault indicator outputs notify the micro-
processor when a short circuit, an open-load condition, or
a short-to-battery condition exists. For the MAX16913A,
the open-load threshold is externally adjustable using a
resistive divider.
A fault-blanking feature enables the circuit to ignore
momentary faults, such as those caused by the initial
charging of a capacitive load when hot swapping, prevent-
ing false alarms to the system. Built-in thermal-overload
protection turns off the switch when the die temperature
exceeds +150°C (min). The MAX16913/MAX16913A also
feature a short-to-battery detection every time the internal
switch turns on. These devices provide an active-high
control input to put the devices in low-power shutdown
mode.
The MAX16913/MAX16913A are available in the 16-pin
QSOP package and operate over the -40°C to +105°C
temperature range.
Applications
● Remote LNA Phantom Power
● Automotive Safety and Infotainment
Features
● Switch Phantom Power-On/-Off Under μC Control
● Analog Current Measurement Output
● Adjustable Current Limiting (340mA Maximum)
● Detect Open-Load and Short-Circuit Conditions
● Provide Open-Drain Fault Signals (SC and OL)
● Overcurrent Blanking During Startup
● Thermal Shutdown
● AECQ100 Qualified (/V Versions Only)
● -40°C to +105°C Operating Temperature Range
19-4186; Rev 1; 8/15
Pin Configuration, Functional Diagrams, and Ordering
Information appear at end of data sheet.
MAX16913
SC
OL
GND
OLT
IN
SHDN
SENS
BATTERY
INPUT
AOUT
TO ADC INPUT
OUT
TO
PROTECTED
LOAD (LNA)
3.3V TO 5V
MAX16913A
REF
REF
SC
OL
GND
OLT
IN
SHDN
SENS
BATTERY
INPUT
AOUT
TO ADC INPUT
OUT
TO
PROTECTED
LOAD (LNA)
3.3V TO 5V
MAX16913/MAX16913A
Remote Antenna Current-Sense
Amplifier and Switches
Typical Application Circuits


Similar Part No. - MAX16913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16913 MAXIM-MAX16913 Datasheet
134Kb / 10P
Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
logo
Analog Devices
MAX16913 AD-MAX16913 Datasheet
1Mb / 12P
Remote Antenna Current-Sense Amplifier and Switches
Rev 1 8/15
logo
Maxim Integrated Produc...
MAX16913A MAXIM-MAX16913A Datasheet
134Kb / 10P
Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
logo
Analog Devices
MAX16913A AD-MAX16913A Datasheet
1Mb / 12P
Remote Antenna Current-Sense Amplifier and Switches
Rev 1 8/15
logo
Maxim Integrated Produc...
MAX16913AGEE+ MAXIM-MAX16913AGEE+ Datasheet
134Kb / 10P
Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
More results

Similar Description - MAX16913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16913 MAXIM-MAX16913 Datasheet
134Kb / 10P
Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
logo
Vicor Corporation
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
Remote sense and current limit
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
Remote Antenna, Current-Sense and LDO/Switches
2014
logo
Rohm
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com