Electronic Components Datasheet Search
  English  ▼

X  

MAX16913 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16913
Description  Remote Antenna Current-Sense Amplifier and Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16913 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16913 Datasheet HTML 1Page - Maxim Integrated Products MAX16913 Datasheet HTML 2Page - Maxim Integrated Products MAX16913 Datasheet HTML 3Page - Maxim Integrated Products MAX16913 Datasheet HTML 4Page - Maxim Integrated Products MAX16913 Datasheet HTML 5Page - Maxim Integrated Products MAX16913 Datasheet HTML 6Page - Maxim Integrated Products MAX16913 Datasheet HTML 7Page - Maxim Integrated Products MAX16913 Datasheet HTML 8Page - Maxim Integrated Products MAX16913 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VIN = 14V, RSENSE = 1Ω, TA = +25°C, unless otherwise noted.)
-1
0
1
2
3
4
10
40 50
20 30
60 70 80 90 100
TOTAL CURRENT MEASUREMENT ERROR
vs. (VIN - VSENSE)
VIN - VSENSE (mV)
0
100
50
200
150
250
300
OVERCURRENT BLANKING TIME
vs. TEMPERATURE
TEMPERATURE (°C)
-40
10
35
-15
60
85
105
0
100
50
200
150
250
300
4
10
12
6
8
14
16
18
OVERCURRENT BLANKING TIME
vs. VIN
VIN (V)
OVERCURRENT SHUTDOWN
MAX16913/3A toc10
400ms/div
SHDN
IOUT
5V/div
5V/div
100mA/div
SC
TURN-ON INTO CAPACITIVE LOAD
(OUTPUT STAYS ON) (CLOAD = 1000µF)
MAX16913/3A toc11
20ms/div
SHDN
IOUT
5V/div
100mA/div
0
50
150
100
200
250
4
8
6
10
12
14
16
18
CURRENT-LIMIT VOLTAGE
vs. VIN
VIN (V)
MAX16913/MAX16913A
Remote Antenna Current-Sense
Amplifier and Switches
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com