Electronic Components Datasheet Search
  English  ▼

X  

MAX17435 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17435
Description  High-Frequency, Low-Cost SMBus Chargers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17435 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17435 Datasheet HTML 17Page - Maxim Integrated Products MAX17435 Datasheet HTML 18Page - Maxim Integrated Products MAX17435 Datasheet HTML 19Page - Maxim Integrated Products MAX17435 Datasheet HTML 20Page - Maxim Integrated Products MAX17435 Datasheet HTML 21Page - Maxim Integrated Products MAX17435 Datasheet HTML 22Page - Maxim Integrated Products MAX17435 Datasheet HTML 23Page - Maxim Integrated Products MAX17435 Datasheet HTML 24Page - Maxim Integrated Products MAX17435 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
High-Frequency,
Low-Cost SMBus Chargers
______________________________________________________________________________________ 21
Table 6. InputCurrent() (0x3F) (10mI Sense Resistor, RS1)
Table 7. Relearn() (0x3D)
BIT
BIT NAME
DESCRIPTION
0
—
Not used. Normally a 2mA weight.
1
—
Not used. Normally a 4mA weight.
2
—
Not used. Normally an 8mA weight.
3
—
Not used. Normally a 16mA weight.
4
—
Not used. Normally a 32mA weight.
5
—
Not used. Normally a 64mA weight.
6
—
Not used. Normally a 128mA weight.
7
Input Current, DACS 0
0 = Adds 0mA of input current compliance.
1 = Adds 256mA of input current compliance.
8
Input Current, DACS 1
0 = Adds 0mA of input current compliance.
1 = Adds 512mA of input current compliance.
9
Input Current, DACS 2
0 = Adds 0mA of input current compliance.
1 = Adds 1024mA of input current compliance.
10
Input Current, DACS 3
0 = Adds 0mA of input current compliance.
1 = Adds 2048mA of input current compliance.
11
Input Current, DACS 4
0 = Adds 0mA of input current compliance.
1 = Adds 4096mA of input current compliance.
12
Input Current, DACS 5
0 = Adds 0mA of input current compliance.
1 = Adds 8192mA of input current compliance, 11004mA max.
13
—
Not used. Normally a 16384mA weight.
14
—
Not used. Normally a 32768mA weight.
15
—
Not used. Normally a 65536mA weight.
BIT
BIT NAME
DESCRIPTION
0
Relearn, RL 0
0 = Disables the relearn function.
1 = Enables the relearn function.
When the relearn threshold is crossed as the battery discharges, bit 0
is reset to zero by the MAX17435/MAX17535.
1
—
Not used.
2
—
Not used.
3
—
Not used.
4
Relearn, RL 1
0 = Adds 0mV of relearn threshold compliance, 1024mV min.
1 = Adds 16mV of relearn threshold compliance.
5
Relearn, RL 2
0 = Adds 0mV of relearn threshold compliance, 1024mV min.
1 = Adds 32mV of relearn threshold compliance.
6
Relearn, RL 3
0 = Adds 0mV of relearn threshold compliance, 1024mV min.
1 = Adds 64mV of relearn threshold compliance.
7
Relearn, RL 4
0 = Adds 0mV of relearn threshold compliance, 1024mV min.
1 = Adds 128mV of relearn threshold compliance.
8
Relearn, RL 5
0 = Adds 0mV of relearn threshold compliance, 1024mV min.
1 = Adds 256mV of relearn threshold compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com