Electronic Components Datasheet Search
  English  ▼

X  

MAX17435 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17435
Description  High-Frequency, Low-Cost SMBus Chargers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17435 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17435 Datasheet HTML 1Page - Maxim Integrated Products MAX17435 Datasheet HTML 2Page - Maxim Integrated Products MAX17435 Datasheet HTML 3Page - Maxim Integrated Products MAX17435 Datasheet HTML 4Page - Maxim Integrated Products MAX17435 Datasheet HTML 5Page - Maxim Integrated Products MAX17435 Datasheet HTML 6Page - Maxim Integrated Products MAX17435 Datasheet HTML 7Page - Maxim Integrated Products MAX17435 Datasheet HTML 8Page - Maxim Integrated Products MAX17435 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
High-Frequency,
Low-Cost SMBus Chargers
4 ______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, no load on LDO, VDCIN = VCSSP = VCSSN = 19V, VLX = 0V, VBST - VLX = 5V, VBATT = VCSIP = VCSIN = 16.8V,
TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ACOK
ACOK Sink Current
VACOK = 0.4V, VACIN = 2.5V
1
mA
ACOK Leakage Current
VACOK = 5.5V, VACIN = 0.5V, TA = +25NC
1
F
A
ACIN
ACIN Threshold
Rising, 20mV (typ) hysteresis
1.465
1.485
1.53
V
ACIN Input Bias Current
TA = +25NC
-1
+1
F
A
ITHR/ADAPTLIM
ITHR Leakage Current
VITHR = 0V to LDO, TA = +25NC
-1
+1
F
A
ADAPTLIM Sink Current
VITHR > VIINP
1
mA
ADAPTLIM Leakage Current
VITHR < VIINP, TA = +25NC
1
F
A
ITHR Threshold
Calculated = VITHR - VIINP
-12
+12
mV
LOGIC LEVELS
SDA/SCL Input Low Voltage
0.8
V
SDA/SCL Input High Voltage
2.1
V
SDA/SCL Input Bias Current
TA = +25NC
-1
+1
F
A
SWITCHING REGULATOR
DHI Off-Time K Factor
VDCIN = 19V, VBATT = 10V, MAX17435
55
61
67
ns/V
VDCIN = 19V, VBATT = 10V, MAX17535
93
100
107
Sense Voltage for Minimum
Discontinuous Mode
Ripple Current
VCSIP - VCSIN
5
mV
Zero-Crossing Comparator
Threshold
VCSIP - VCSIN
5
mV
Cycle-by-Cycle Current-Limit
Sense Voltage
VCSIP - VCSIN
120
125
130
mV
DHI Resistance High
IDHI = 10mA
1.5
3
I
DHI Resistance Low
IDHI = -10mA
0.8
1.6
I
DLO Resistance High
IDLO = 10mA
3
6
I
DLO Resistance Low
IDLO = -10mA
3
6
I
ADAPTER DETECTION
Adapter Absence Detect
Threshold
VDCIN - VBATT, VDCIN falling
50
120
200
mV
Adapter Detect Threshold
VDCIN - VBATT, VDCIN rising
340
430
600
mV
CHARGE-PUMP MOSFET DRIVER
PDSL Gate-Driver Source Current
VPDSL - VDCIN = 3V, VDCIN = 19V
40
64
F
A
PDSL Gate-Driver Output Voltage
HIGH
VDCIN = 19V, open load
VDCIN
+ 5.3
VDCIN
+ 8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com