Electronic Components Datasheet Search
  English  ▼

X  

16SP100M Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 16SP100M
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

16SP100M Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 16SP100M Datasheet HTML 4Page - National Semiconductor (TI) 16SP100M Datasheet HTML 5Page - National Semiconductor (TI) 16SP100M Datasheet HTML 6Page - National Semiconductor (TI) 16SP100M Datasheet HTML 7Page - National Semiconductor (TI) 16SP100M Datasheet HTML 8Page - National Semiconductor (TI) 16SP100M Datasheet HTML 9Page - National Semiconductor (TI) 16SP100M Datasheet HTML 10Page - National Semiconductor (TI) 16SP100M Datasheet HTML 11Page - National Semiconductor (TI) 16SP100M Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Block Diagram
20150903
Application Information
The LM2747 is a voltage-mode, high-speed synchronous
buck regulator with a PWM control scheme. It is designed for
use in set-top boxes, thin clients, DSL/Cable modems, and
other applications that require high efficiency buck convert-
ers. It has output shutdown (SD), input undervoltage lock-out
(UVLO) mode and power good (PWGD) flag (based on
overvoltage and undervoltage detection). The overvoltage
and undervoltage signals are OR-gated to drive the power
good signal and provide a logic signal to the system if the
output voltage goes out of regulation. Current limit is
achieved by sensing the voltage V
DS across the low side
MOSFET. The LM2747 is also able to start-up with the
output pre-biased with a load and allows for the switching
frequency to be synchronized with an external clock source.
START UP/SOFT-START
When V
CC exceeds 2.79V and the shutdown pin (SD) sees
a logic high, the soft-start period begins. Then an internal,
fixed 10 µA source begins charging the soft-start capacitor.
During soft-start the voltage on the soft-start capacitor C
SS is
connected internally to the non-inverting input of the error
amplifier. The soft-start period lasts until the voltage on the
soft-start capacitor exceeds the LM2747 reference voltage
of 0.6V. At this point the reference voltage takes over at the
non-inverting error amplifier input. The capacitance of C
SS
determines the length of the soft-start period, and can be
approximated by:
Where C
SS is in µF and tSS is in ms.
During soft start the Power Good flag is forced low and it is
released when the FB pin voltage reaches 70% of 0.6V. At
this point the chip enters normal operation mode, and the
output overvoltage and undervoltage monitoring starts.
SETTING THE OUTPUT VOLTAGE
The LM2747 regulates the output voltage by controlling the
duty cycle of the high side and low side MOSFETs (see
Typical Application Circuit).The equation governing output
voltage is:
SETTING THE SWITCHING FREQUENCY
During fixed-frequency mode of operation the PWM fre-
quency is adjustable between 50 kHz and 1 MHz and is set
by an external resistor, R
FADJ, between the FREQ/SYNC pin
and ground. The resistance needed for a desired frequency
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com