Electronic Components Datasheet Search
  English  ▼

X  

16SP100M Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 16SP100M
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

16SP100M Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button 16SP100M Datasheet HTML 12Page - National Semiconductor (TI) 16SP100M Datasheet HTML 13Page - National Semiconductor (TI) 16SP100M Datasheet HTML 14Page - National Semiconductor (TI) 16SP100M Datasheet HTML 15Page - National Semiconductor (TI) 16SP100M Datasheet HTML 16Page - National Semiconductor (TI) 16SP100M Datasheet HTML 17Page - National Semiconductor (TI) 16SP100M Datasheet HTML 18Page - National Semiconductor (TI) 16SP100M Datasheet HTML 19Page - National Semiconductor (TI) 16SP100M Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Application Information (Continued)
One popular method for selecting the compensation compo-
nents is to create Bode plots of gain and phase for the power
stage and error amplifier. Combined, they make the overall
bandwidth and phase margin of the regulator easy to see.
Software tools such as Excel, MathCAD, and Matlab are
useful for showing how changes in compensation or the
power stage affect system gain and phase.
The power stage modulator provides a DC gain A
DC that is
equal to the input voltage divided by the peak-to-peak value
of the PWM ramp. This ramp is 1.0V
pk-pk for the LM2747.
The inductor and output capacitor create a double pole at
frequency f
DP, and the capacitor ESR and capacitance cre-
ate a single zero at frequency f
ESR. For this example, with
V
IN = 3.3V, these quantities are:
In the equation for f
DP, the variable RL is the power stage
resistance, and represents the inductor DCR plus the on
resistance of the top power MOSFET. R
O is the output
voltage divided by output current. The power stage transfer
function G
PS is given by the following equation, and Figure
14 shows Bode plots of the phase and gain in this example.
a=LC
O(RO +RC)
b=L +C
O(RORL +RORC +RCRL)
c=R
O +RL
The double pole at 4.5 kHz causes the phase to drop to
approximately -130˚ at around 10 kHz. The ESR zero, at
20.3 kHz, provides a +90˚ boost that prevents the phase
from dropping to -180o. If this loop were left uncompensated,
the bandwidth would be approximately 10 kHz and the
phase margin 53˚. In theory, the loop would be stable, but
would suffer from poor DC regulation (due to the low DC
gain) and would be slow to respond to load transients (due to
the low bandwidth.) In practice, the loop could easily become
unstable due to tolerances in the output inductor, capacitor,
or changes in output current, or input voltage. Therefore, the
loop is compensated using the error amplifier and a few
passive components.
For this example, a Type III, or three-pole-two-zero approach
gives optimal bandwidth and phase.
In most voltage mode compensation schemes, including
Type III, a single pole is placed at the origin to boost DC gain
20150964
FIGURE 13. Power Stage and Error Amp
20150969
20150970
FIGURE 14. Power Stage Gain and Phase
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com