Electronic Components Datasheet Search
  English  ▼

X  

MM54HC181J Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC181J
Description  Arithmetic Logic Units/Function Generators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC181J Datasheet(HTML) 5 Page - National Semiconductor (TI)

  MM54HC181J Datasheet HTML 1Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 2Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 3Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 4Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 5Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 6Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 7Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 8Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics VCC e 5V TA e 25 C CL e 15 pF tr e tf e 6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH Maximum Propagation
13
20
ns
Delay from Cn to Cna4
tPHL tPLH Maximum Propagation
Me0V S0eS3eVCC
30
45
ns
Delay from any
S1eS0e0V
AorBtoCNa4
(Sum mode)
tPHL tPLH Maximum Propagation
Me0V S0eS3e0V
30
45
ns
Delay from any
S1eS2eVCC
AorBtoCNa4
(Diff mode)
tPHL tPLH Maximum Propagation
Me0V
20
30
ns
Delay from Cn to any F
(Sum or
Diff mode)
tPHL tPLH Maximum Propagation
Me0V S0e
20
30
ns
Delay from any
S3eVCC
AorBtoG
S1eS2e0V
(Sum mode)
tPHL tPLH Maximum Propagation
Me0V S0e
20
30
ns
Delay from any
S3e0V
AorBtoG
S1eS2eVCC
(Diff mode)
tPHL tPLH Maximum Propagation
Me0V S0e
27
41
ns
Delay from any
S3eVCC
AorBtoP
S1eS2e0V
(Sum mode)
tPHL tPLH Maximum Propagation
Me0V S0e
24
37
ns
Delay from any
S3e0V
AorBtoP
S1eS2eVCC
(Diff mode)
tPHL tPLH Maximum Propagation
Me0V S0e
20
30
ns
Delay from AI or BI to FI S3eVCC
S1eS2e0V
(Sum mode)
tPHL tPLH Maximum Propagation
Me0V S0e
19
29
ns
Delay from AI or BI to FI S3e0V
S1eS2eVCC
(Diff mode)
tPHL tPLH Maximum Propagation
MeVCC
25
37
ns
Delay from AI or BI to FI (Logic mode)
tPHL tPLH Maximum Propagation
Me0V S0e
25
37
ns
Delay from any
S3e0V
AorBtoAeBS1eS2eVCC
(Diff mode)
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com