Electronic Components Datasheet Search
  English  ▼

X  

MM54HC181J Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC181J
Description  Arithmetic Logic Units/Function Generators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC181J Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button MM54HC181J Datasheet HTML 2Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 3Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 4Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 5Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 6Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 7Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 8Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 9Page - National Semiconductor (TI) MM54HC181J Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Electrical Characteristics CL e 50 pF tr e tf e 6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
20V
125
155
190
ns
Delay from Cn to Cna4
45V
25
31
38
ns
60V
22
28
33
ns
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
110
250
325
375
ns
Delay from any
S3eVCC
45V
35
50
63
75
ns
AorBtoCna4S1eS2e0V
60V
30
43
53
65
ns
(Sum mode)
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
250
325
375
ns
Delay from any
S3e0V
45V
50
63
75
ns
AorBtoCna4S1eS2eVCC
60V
43
53
65
ns
(Diff mode)
tPHL tPLH
Maximum Propagation
Me0V
20V
65
150
190
225
ns
Delay from Cn to any F
(Sum or
45V
22
32
40
48
ns
Diff mode)
60V
14
28
35
42
ns
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
70
175
220
263
ns
Delay from any
S3eVCC
45V
20
35
44
53
ns
AorBtoG
S1eS2e0V
60V
12
30
38
45
ns
(Sum mode)
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
65
165
210
250
ns
Delay from any
S3e0V
45V
23
33
42
50
ns
AorBtoG
S1eS2
60V
16
29
37
44
ns
(Diff mode)
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
80
220
275
330
ns
Delay from any
S3eVCC
45V
30
44
55
66
ns
AorBtoP
S1eS2e0V
60V
25
37
47
56
ns
(Sum mode)
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
75
195
244
293
ns
Delay from any
S3e0V
45V
27
39
49
60
ns
AorBtoP
S1eS2eVCC
60V
24
34
43
51
ns
(Diff mode)
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
70
180
225
270
ns
Delay from AI or BI to FI
S3eVCC
45V
26
36
45
54
ns
S1eS2e0V
60V
21
31
39
47
ns
(Sum mode)
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
160
200
290
ns
Delay from AI or BI to FI
S3e0V
45V
32
40
48
ns
S1eS2eVCC
60V
27
34
41
ns
(Diff mode)
tPHL tPLH
Maximum Propagation
MeVCC
20V
180
200
250
300
ns
Delay from AI or BI to FI
(Logic mode)
45V
30
40
50
60
ns
60V
23
34
43
51
ns
tPHL tPLH
Maximum Propagation
Me0V S0e
20V
180
200
250
300
ns
Delay from any
S3e0V
45V
30
40
50
60
ns
AorBtoAeBS1eS2eVCC
60V
23
34
43
51
ns
(Diff mode)
tTLH tTHL
Maximum Output Rise
20V
30
75
95
110
ns
and Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
CPD
Power Dissipation
300
pF
Capacitance (Note 5)
CIN
Maximum Input
5
15
15
15
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com