Electronic Components Datasheet Search
  English  ▼

X  

STB270N04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB270N04
Description  N-CHANNEL 40V - 2.1m-ohm - 160A - TO-220 - D-2PAK - I-2PAK STripFET-TM Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB270N04 Datasheet(HTML) 3 Page - STMicroelectronics

  STB270N04 Datasheet HTML 1Page - STMicroelectronics STB270N04 Datasheet HTML 2Page - STMicroelectronics STB270N04 Datasheet HTML 3Page - STMicroelectronics STB270N04 Datasheet HTML 4Page - STMicroelectronics STB270N04 Datasheet HTML 5Page - STMicroelectronics STB270N04 Datasheet HTML 6Page - STMicroelectronics STB270N04 Datasheet HTML 7Page - STMicroelectronics STB270N04 Datasheet HTML 8Page - STMicroelectronics STB270N04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STB270N04-1 - STB270N04 - STP270N04
Electrical characteristics
Rev3
3/14
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source
Breakdown Voltage
ID = 250µA, VGS= 0
40
V
IDSS
Zero Gate Voltage Drain
Current (VGS = 0)
VDS = Max Rating,
VDS = MaxRating
@125°C
10
100
µA
µA
IGSS
Gate Body Leakage
Current
(VDS = 0)
VGS = ±20V
±
200
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID = 250µA
24
V
RDS(on)
Static Drain-Source On
Resistance
VGS= 10V, ID= 80A
TO-220
I²PAK
2.5
2.9
m
D²PAK
2.1
2.5
m
Table 4.
Dynamic
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward Transconductance
VDS =15V, ID = 80A
200
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS =25V, f=1 MHz, VGS=0
7400
1800
47
pF
pF
pF
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD=20V, ID = 160A
VGS =10V
(see Figure 2)
110
27
25
150
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com