Electronic Components Datasheet Search
  English  ▼

X  

STB270N04 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB270N04
Description  N-CHANNEL 40V - 2.1m-ohm - 160A - TO-220 - D-2PAK - I-2PAK STripFET-TM Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB270N04 Datasheet(HTML) 4 Page - STMicroelectronics

  STB270N04 Datasheet HTML 1Page - STMicroelectronics STB270N04 Datasheet HTML 2Page - STMicroelectronics STB270N04 Datasheet HTML 3Page - STMicroelectronics STB270N04 Datasheet HTML 4Page - STMicroelectronics STB270N04 Datasheet HTML 5Page - STMicroelectronics STB270N04 Datasheet HTML 6Page - STMicroelectronics STB270N04 Datasheet HTML 7Page - STMicroelectronics STB270N04 Datasheet HTML 8Page - STMicroelectronics STB270N04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STB270N04-1 - STB270N04 - STP270N04
4/14
Rev3
Table 5.
Switching times
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD=20 V, ID= 80A,
RG=4.7Ω, VGS=10V
(see Figure 14)
22
180
ns
ns
td(off)
tf
Turn-off Delay Time
Fall Time
VDD=20 V, ID= 80A,
RG=4.7Ω, VGS=10V
(see Figure 14)
110
45
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test Condictions
Min
Typ.
Max
Unit
ISD
Source-drain Current
D²PAK
160
A
TO-220
I²PAK
120
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain Current
(pulsed)
D²PAK
640
A
TO-220
I²PAK
480
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on Voltage
ISD=80A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=160A,
di/dt = 100A/µs,
VDD=32V, Tj=150°C
70
225
3.2
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com