Electronic Components Datasheet Search
  English  ▼

X  

TSC695F Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TSC695F
Description  Rad-Hard 32-bit SPARC Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TSC695F Datasheet HTML 9Page - ATMEL Corporation TSC695F Datasheet HTML 10Page - ATMEL Corporation TSC695F Datasheet HTML 11Page - ATMEL Corporation TSC695F Datasheet HTML 12Page - ATMEL Corporation TSC695F Datasheet HTML 13Page - ATMEL Corporation TSC695F Datasheet HTML 14Page - ATMEL Corporation TSC695F Datasheet HTML 15Page - ATMEL Corporation TSC695F Datasheet HTML 16Page - ATMEL Corporation TSC695F Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13
TSC695F
4118H–AERO–06/03
Test and Diagnostic
Hardware Functions
A variety of TSC695F test and diagnostic hardware functions, including boundary scan,
internal scan, clock control and On-chip Debugger, are controlled through an IEEE
1149.1 (JTAG) standard Test Access Port (TAP).
Test Access Port
The TAP interfaces to the JTAG bus via 5 dedicated pins on the TSC695F chip. These
pins are:
•
TCK (input): Test Clock
•
TMS (input): Test Mode Select
•
TDI (input): Test Data Input
•
TDO (output): Test Data Output
•
TRST (input): Test Reset
Instruction Register
Five standard instructions are supported by the TSC695F TAP.
Debugging
The design is highly testable with the support of an On-Chip Debugger (OCD), an inter-
nal and boundary scan through JTAG interface.
Binary Value
Name of Instruction
Data Register
Scan Chain Accessed
00. 0000
EXTEST
Boundary Scan
Register
Boundary scan chain
00. 0001
SAMPLE/PRELOAD
Boundary Scan
Register
Boundary scan chain
00. 0011
INTEST
Boundary Scan
Register
Boundary scan chain
11. 1111
BYPASS
Bypass Register
Bypass register
10. 0000
IDCODE
Device ID Register
ID register scan chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com