Electronic Components Datasheet Search
  English  ▼

X  

TSC695F Datasheet(PDF) 14 Page - ATMEL Corporation

Part # TSC695F
Description  Rad-Hard 32-bit SPARC Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button TSC695F Datasheet HTML 10Page - ATMEL Corporation TSC695F Datasheet HTML 11Page - ATMEL Corporation TSC695F Datasheet HTML 12Page - ATMEL Corporation TSC695F Datasheet HTML 13Page - ATMEL Corporation TSC695F Datasheet HTML 14Page - ATMEL Corporation TSC695F Datasheet HTML 15Page - ATMEL Corporation TSC695F Datasheet HTML 16Page - ATMEL Corporation TSC695F Datasheet HTML 17Page - ATMEL Corporation TSC695F Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
14
TSC695F
4118H–AERO–06/03
Electrical Characteristics
Absolute Maximum Ratings
DC Characteristics
Military Range............................................... -55°C to +125°C
Storage Temperature ..................................... -65°C to +150°C
Supply Voltage...................................................-0.5V to +7.0V
Input Voltage......................................................-0.5V to +7.0V
Note: Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Table 6. DC Characteristics at V
DD 5V ± 10%
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
trigger
Input Low Voltage
for trigger input
––
0.8
V
V
CC = 4.5 to 5.5V
VIH
trigger
Input High Voltage
for trigger input
3.0
––
VV
CC = 4.5 to 5.5V
∆VT
Input Hysteresis
for trigger input
–
0.9
–
VV
CC = 4.5 to 5.5V
VIL
TTL
Input Low Voltage
for TTL input
––
0.8
V
V
CC = 4.5 to 5.5V
VIH
TTL
Input High Voltage
for TTL input
2.2
––
VV
CC = 4.5 to 5.5V
VOL
400 pF
Output Low Voltage
for 400 pF buffer
–
0.3
0.4
V
V
CC = 4.5 to 5.5V
IOL = 12 mA
VOH
400 pF
Output High Voltage
for 400 pF buffer
2.4
0.3
–
V
V
CC = 4.5 to 5.5V
IOH = -16 mA
VOL150 pF
Output Low Voltage
for 150 pF buffer
–
0.3
0.4
V
VCC = 4.5 to 5.5V
IOL = 4 mA
VOH
150 pF
Output High Voltage
for 150 pF buffer
2.4
4.3
–
V
V
CC = 4.5 to 5.5V
IOH = -6 mA
Icc
OP
Operating Supply Current
for core processor
––
230
mA
V
CC = 5.5V, f = 25 MHz
––
210
V
CC = 5.5V, f = 20 MHz
––
170
VCC = 5.5V, f = 10 MHz
Icc
PD
Power Down Supply Current
for core processor
––
41
mA
V
CC = 5.5V, f = 25MHz
––
38
V
CC = 5.5V, f = 20 MHz
––
30
VCC = 5.5V, f = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com