Electronic Components Datasheet Search
  English  ▼

X  

2907976 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2907976
Description  Measuring instrument - EEM-MB371-EIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907976 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2907976 Datasheet HTML 1Page - PHOENIX CONTACT 2907976 Datasheet HTML 2Page - PHOENIX CONTACT 2907976 Datasheet HTML 3Page - PHOENIX CONTACT 2907976 Datasheet HTML 4Page - PHOENIX CONTACT 2907976 Datasheet HTML 5Page - PHOENIX CONTACT 2907976 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2907976
09/12/2020   Page 1 / 6
Measuring instrument - EEM-MB371-EIP - 2907976
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Multi-functional energy measuring device without display with direct Rogowski connection and integrated
Modbus/TCP and EtherNet/IP™ interface for measuring electrical parameters in low-voltage installations up to
690 V.
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626718156
Technical data
Dimensions
Width
90 mm
Height
80 mm
Depth
82 mm
Ambient conditions
Ambient temperature (operation)
-10 °C ... 55 °C
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Maximum altitude
≤ 2000 m
Max. permissible relative humidity (operation)
≤ 95 % (non-condensing)
Max. salt spray content
≤ 2.5 %
Degree of protection
IP20 (Housing)
Input data
Measuring principle
True r.m.s. value measurement
Acquisition of harmonics
up to 63rd harmonic
Measured value
AC sine (50/60 Hz)
Input name
Voltage measuring input V1, V2, V3
Input voltage range
35 V AC ... 690 V AC (Phase/Phase)
20 V AC ... 400 V AC (Phase/neutral conductor)


Similar Part No. - 2907976

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907971 PHOENIX-2907971 Datasheet
99Kb / 7P
Measuring instrument - EEM-MB370-EIP
09/12/2020
More results

Similar Description - 2907976

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907954 PHOENIX-2907954 Datasheet
97Kb / 6P
Measuring instrument - EEM-MB370
09/12/2020
2907971 PHOENIX-2907971 Datasheet
99Kb / 7P
Measuring instrument - EEM-MB370-EIP
09/12/2020
2908308 PHOENIX-2908308 Datasheet
78Kb / 6P
Measuring instrument - EEM-MB371-PN
09/12/2020
2907955 PHOENIX-2907955 Datasheet
284Kb / 12P
Measuring instrument - EEM-MB371
Jun 7, 2022
2908286 PHOENIX-2908286 Datasheet
297Kb / 12P
Measuring instrument - EEM-MA771
Jun 7, 2022
2908302 PHOENIX-2908302 Datasheet
297Kb / 12P
Measuring instrument - EEM-MA771-EIP
Jun 7, 2022
1127055 PHOENIX-1127055 Datasheet
283Kb / 12P
Measuring instrument - EEM-MB371-24DC
Jun 10, 2022
2908590 PHOENIX-2908590 Datasheet
329Kb / 9P
Measuring instrument - EEM-EM377
Jun 10, 2022
2907953 PHOENIX-2907953 Datasheet
372Kb / 15P
Measuring instrument - EEM-MA770-EIP
Jun 7, 2022
2908578 PHOENIX-2908578 Datasheet
309Kb / 9P
Measuring instrument - EEM-EM355
Jun 10, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com