Electronic Components Datasheet Search
  English  ▼

X  

2907976 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2907976
Description  Measuring instrument - EEM-MB371-EIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907976 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2907976 Datasheet HTML 1Page - PHOENIX CONTACT 2907976 Datasheet HTML 2Page - PHOENIX CONTACT 2907976 Datasheet HTML 3Page - PHOENIX CONTACT 2907976 Datasheet HTML 4Page - PHOENIX CONTACT 2907976 Datasheet HTML 5Page - PHOENIX CONTACT 2907976 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2907976
09/12/2020   Page 2 / 6
Measuring instrument - EEM-MB371-EIP - 2907976
Technical data
Input data
60 V AC ... 2000000 V AC (primary)
60 V AC ... 400 V AC (secondary)
Surge voltage capacity
760 V AC
Precision
0.2 %
Input name
Current measurement RC1, RC2, RC3
Input current
4000 A
Response threshold from measuring range nominal value
5 A
Precision
< 1 %
1 %
Reactive power (IEC 62053-23)
Class 2
Description of the input
Digital input in accordance with IEC/EN 61131-2 (type 3)
Number
1
Voltage input signal
0 V DC ... 30 V DC
Current input signal
2 mA ... 15 mA
Output data
Output description
Digital output in accordance with IEC/EN 61131-2 (type 3)
Number
1
Current output signal
≤ 100 mA
Device interface
Designation
Network interface
Communication protocol
Modbus/TCP
REST
Connection method
RJ45
Designation
Network interface
Communication protocol
EtherNet/IP™
Connection method
RJ45
Number of connections
2
Note
DLR ready
General
Supply voltage range
100 V AC ... 230 V AC (±20 %)
150 V DC ... 250 V DC (±20 %)
Power consumption
≤ 4 W
Mains type
3-phase (3 or 4-wire), 2-phase (2-wire), and single-phase (1-wire)
Color
gray
Conformance
CE-compliant
Test voltage
4 kV AC (50 Hz, 1 min.)
Product family
EMpro
Connection data
Connection name
Current / voltage / supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com