Electronic Components Datasheet Search
  English  ▼

X  

MAX8804Z Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8804Z
Description  High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8804Z Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8804Z Datasheet HTML 1Page - Maxim Integrated Products MAX8804Z Datasheet HTML 2Page - Maxim Integrated Products MAX8804Z Datasheet HTML 3Page - Maxim Integrated Products MAX8804Z Datasheet HTML 4Page - Maxim Integrated Products MAX8804Z Datasheet HTML 5Page - Maxim Integrated Products MAX8804Z Datasheet HTML 6Page - Maxim Integrated Products MAX8804Z Datasheet HTML 7Page - Maxim Integrated Products MAX8804Z Datasheet HTML 8Page - Maxim Integrated Products MAX8804Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Voltage, Dual-Input, USB/AC
Adapter Chargers in 2mm x 3mm TDFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
((VDC = 5V, VSET = 0V) or (VUSB = 5V, VSET = 5V), VBAT = unconnected, VDETBAT = 0V (MAX8804V/MAX8804W), TA = -40°C to
+85°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DC to GND .............................................................-0.3V to +30V
USB to GND ...........................................................-0.3V to +16V
BAT, CHG, SET, POK, USBPWR, DETBAT
to GND...............................................................-0.3V to +5.5V
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN 2mm x 3mm (derate 16.7mW/°C above +70°C)
(multilayer board) .......................................................1333mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC AND USB
DC Input Voltage Range
028
V
USB Input Voltage Range
014
V
Input Operating Range
(Notes 2, 3)
4.15
7.00
V
Input Undervoltage Threshold
VIN rising, 500mV hysteresis (typ) (Note 2)
3.85
4.0
4.15
V
Input Overvoltage Threshold
VIN rising, 200mV hysteresis (typ) (Note 2)
7.2
7.5
7.8
V
VUSB = 0V, IBAT = 0mA, charge mode
800
1200
VSET = 5V, standby mode
300
550
DC Input Supply Current
VDC = VBAT = 4.3V, shutdown mode
300
550
µA
VDC = 0V, VSET = 5V, IBAT = 0mA, charge mode
800
1200
VSET = 0V, standby mode
300
550
USB Input Supply Current
VUSB = VBAT = 4.3V, shutdown mode
300
550
µA
DC to BAT On-Resistance
VDC = 3.7V, VBAT = 3.6V
0.55
1.0
Ω
USB to BAT On-Resistance
VUSB = 3.7V, VBAT = 3.6V
0.65
1.2
Ω
VIN rising
145
260
385
Input to BAT Comparator
Threshold (Note 2)
VIN falling
55
mV
BAT
TA = +25°C
4.179
4.200
4.221
BAT Regulation Voltage
IBAT = 0mA
TA = -40°C to +85°C
4.158
4.200
4.242
V
VBAT rising
4.40
4.67
4.90
Battery Removal Detection
Threshold
Hysteresis
0.1
V
Default and 1st to 3rd
interface pulse
475
500
525
4th to 7th interface pulse
523
550
578
8th to 11th interface pulse
570
600
630
12th to 15th interface pulse
428
450
473
16th to 19th interface pulse
380
400
420
20th to 23rd interface pulse
618
650
683
DC Charging Current
VUSB = 0V,
VBAT = 3.6V,
rising edge detection on
SET (MAX8804Y/
MAX8804Z)
24th to 27th interface pulse
665
700
735
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com