Electronic Components Datasheet Search
  English  ▼

X  

MAX8804Z Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8804Z
Description  High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8804Z Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8804Z Datasheet HTML 1Page - Maxim Integrated Products MAX8804Z Datasheet HTML 2Page - Maxim Integrated Products MAX8804Z Datasheet HTML 3Page - Maxim Integrated Products MAX8804Z Datasheet HTML 4Page - Maxim Integrated Products MAX8804Z Datasheet HTML 5Page - Maxim Integrated Products MAX8804Z Datasheet HTML 6Page - Maxim Integrated Products MAX8804Z Datasheet HTML 7Page - Maxim Integrated Products MAX8804Z Datasheet HTML 8Page - Maxim Integrated Products MAX8804Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
High-Voltage, Dual-Input, USB/AC
Adapter Chargers in 2mm x 3mm TDFN
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Default and 1st to 3rd interface
pulse
428
450
473
4th to 7th interface pulse
523
550
578
8th to 11th interface pulse
475
500
525
12th to 15th interface pulse
380
400
420
16th to 19th interface pulse
570
600
630
20th to 23th interface pulse
618
650
683
DC Charging Current
VUSB = 0V,
VBAT = 3.6V,
rising edge detection
on SET (MAX8804V/
MAX8804W)
24th to 27th interface pulse
665
700
735
mA
Default
90
95
100
1st interface pulse
360
380
400
VDC = 0V,
VBAT = 3.6V, rising
edge detection on SET
(MAX8804Y/
MAX8804Z)
2nd interface pulse
450
475
500
Default
360
380
400
1st interface pulse
450
475
500
USB Charging Current
VDC = 0V,
VBAT = 3.6V, rising
edge detection on SET
(MAX8804V/
MAX8804W)
2nd interface pulse
90
95
100
mA
Soft-Start Time
Ramping time from 0 to 500mA
250
µs
BAT Prequal Threshold
MAX8804V/MAX8804W/MAX8804Z only, VBAT rising,
300mV hysteresis (typ)
2.35
2.50
2.65
V
BAT Prequal Charge Current
MAX8804V/MAX8804W/MAX8804Z only
95
mA
BAT Leakage Current
VDC = VUSB = 0V, VBAT = 4.2V
2
µA
SET
VSET rising
1.6
Logic Input Thresholds
VSET falling
0.4
V
Logic-High Time
Pulse width required to program DC charge current
1
1000
µs
Logic-Low Time
Pulse width required to program USB charge current
1
1000
µs
SET DC Mode Shutdown Delay
VUSB = 0V, VDC = 5V, measured from VSET low to high
1.5
2
2.5
ms
SET USB Mode Shutdown Delay
VDC = 0V, VUSB = 5V, measured from VSET high to low
1.5
2
2.5
ms
SET Internal Pulldown Resistor
24
M
Ω
POK, CHG, USBPWR (USBPWR only for MAX8804Y/MAX8804Z)
Logic Output-Voltage Low
IPOK = ICHG = IUSBPWR = 5mA
60
500
mV
TA = +25°C
0.001
1
Logic Output-Current High
VPOK = VCHG =
VUSBPWR = 5.5V,
VDC = VUSB = 0V
TA = +85°C
0.01
µA
DETBAT (MAX8804V/MAX8804W only)
Rising
1.6
Logic Input Theshold
Falling
0.4
V
Pullup Resistor
63
k
Ω
ELECTRICAL CHARACTERISTICS (continued)
((VDC = 5V, VSET = 0V) or (VUSB = 5V, VSET = 5V), VBAT = unconnected, VDETBAT = 0V (MAX8804V/MAX8804W), TA = -40°C to
+85°C, unless otherwise noted.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com