Electronic Components Datasheet Search
  English  ▼

X  

PI6CBF18501 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI6CBF18501
Description  Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CBF18501 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI6CBF18501 Datasheet HTML 4Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 5Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 6Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 7Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 8Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 9Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 10Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 11Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
A Product Line of
Diodes Incorporated
PI6CBF18501
www.diodes.com
October 2020
Diodes Incorporated
PI6CBF18501
Document Number DS43130 Rev 2-2
HCSL Output Characteristics
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
VOH
Output Voltage High(1)
Statistical measurement on single-ended
signal using oscilloscope math function
660
770
850
mV
VOL
Output Voltage Low(1)
-150
150
mV
VOMAX
Output Voltage Maximum(1)
Measurement on single ended signal using
absolute value
800
1150
mV
VOMIN
Output Voltage Minimum(1)
-300
-15
mV
VOSWING
Output Swing Voltage(1,2,3)
Scope averaging off
300
1536
mV
VOC
Output Cross Voltage(1,2,4)
250
430
550
mV
DVOC
VOC Magnitude Change(1,2,5)
10
140
mV
Note:
1. At default SMBUS amplitude settings
2. Guaranteed by design and characterization, not 100% tested in production
3. Measured from differential waveform
4. This one is defined as voltage where Q+ = Q- measured on a component test board and only applied to the differential rising edge
5. The total variation of all Vcross measurements in any particular system. This is a subset of Vcross_min/max allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com