Electronic Components Datasheet Search
  English  ▼

X  

PI6CBF18501 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI6CBF18501
Description  Very Low Power 5-Output PCIe Fanout Buffer With On-chip Termination
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CBF18501 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI6CBF18501 Datasheet HTML 7Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 8Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 9Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 10Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 11Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 12Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 13Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 14Page - Diodes Incorporated PI6CBF18501 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
A Product Line of
Diodes Incorporated
PI6CBF18501
www.diodes.com
October 2020
Diodes Incorporated
PI6CBF18501
Document Number DS43130 Rev 2-2
Byte 0: Output Enable Register(1)
Bit
Control Function
Description
Type
Power Up
Condition
0
1
7
Reserved
1
6
Q4_OE
Q4 output enable
RW
1
Low/Low
Enabled
5
Reserved
1
4
Q3_OE
Q3 output enable
RW
1
Low/Low
Enabled
3
Q2_OE
Q2 output enable
RW
1
Low/Low
Enabled
2
Q1_OE
Q1 output enable
RW
1
Low/Low
Enabled
1
Reserved
1
0
Q0_OE
Q0 output enable
RW
1
Low/Low
Enabled
Note:
1. A low on these bits will override the OE# pins and force the differential outputs to Low/Low states
Byte 1: Output Amplitude Control Register
Bit
Control Function
Description
Type
Power Up
Condition 0
1
7
Reserved
0
6
Reserved
1
5
Reserved
0
4
Reserved
0
3
Reserved
1
2
Reserved
1
1
Amplitude1
Control output amplitude
RW
1
'00' = 0.6V, '01' = 0.7V, '10' =
0.8V, '11' = 0.9V
0
Amplitude0
RW
0
Byte 2: Differential Output Slew Rate Control Register
Bit
Control Function
Description
Type
Power Up
Condition
0
1
7
Reserved
1
6
SLEWRATECTR_Q4 Control slew rate of Q4
RW
1
Slow setting
Fast setting
5
Reserved
1
4
SLEWRATECTR_Q3 Control slew rate of Q3
RW
1
Slow setting
Fast setting
3
SLEWRATECTR_Q2 Control slew rate of Q2
RW
1
Slow setting
Fast setting
2
SLEWRATECTR_Q1
Control slew rate of Q1
RW
1
Slow setting
Fast setting
1
Reserved
1
0
SLEWRATECTR_Q0 Control slew rate of Q0
RW
1
Slow setting
Fast setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com