Electronic Components Datasheet Search
  English  ▼

X  

PTH08T240WAS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240WAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240WAS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH08T240WAS Datasheet HTML 3Page - Texas Instruments PTH08T240WAS Datasheet HTML 4Page - Texas Instruments PTH08T240WAS Datasheet HTML 5Page - Texas Instruments PTH08T240WAS Datasheet HTML 6Page - Texas Instruments PTH08T240WAS Datasheet HTML 7Page - Texas Instruments PTH08T240WAS Datasheet HTML 8Page - Texas Instruments PTH08T240WAS Datasheet HTML 9Page - Texas Instruments PTH08T240WAS Datasheet HTML 10Page - Texas Instruments PTH08T240WAS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS(1)(2)
CHARACTERISTIC DATA ( VI =5V)
0
2
4
6810
0
0.5
1.0
2.0
1.5
2.5
IO − Output Current − A
VI = 5 V
VO = 0.9 V
VO = 3.3 V
VO = 1.8 V
VO = 2.5 V
VO = 1.2 V
VO = 0.69 V
0
40
2
46
8
10
50
60
70
80
90
100
30
IO − Output Current − A
VI = 5 V
VO = 1.8 V
VO = 1.2 V
VO = 3.3 V
VO = 2.5 V
VO = 0.9 V
VO = 0.69 V
0
0
24
68
10
2
6
4
10
8
IO − Output Current − A
VI = 5 V
VO = 0.9 V
VO = 3.3 V
VO = 1.2 V
VO = 2.5 V
VO = 1.8 V
VO = 0.69 V
02
4
6
8
10
20
40
30
50
70
60
90
80
Natural
Convection
IO − Output Current − A
VI = 5 V
VO = 3.3 V
PTH08T240W
SLTS264A–NOVEMBER 2005–REVISED MARCH 2006
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
Figure 7.
SAFE OPERATING AREA
Figure 8.
(1) The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 5, Figure 6, and Figure 7.
(2) The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
For surface mount packages (AS and AZ suffix), multiple vias must be utilized. Please refer to the mechanical specification for more
information. Applies to Figure 8.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com