Electronic Components Datasheet Search
  English  ▼

X  

PTH08T240WAS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240WAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240WAS Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH08T240WAS Datasheet HTML 12Page - Texas Instruments PTH08T240WAS Datasheet HTML 13Page - Texas Instruments PTH08T240WAS Datasheet HTML 14Page - Texas Instruments PTH08T240WAS Datasheet HTML 15Page - Texas Instruments PTH08T240WAS Datasheet HTML 16Page - Texas Instruments PTH08T240WAS Datasheet HTML 17Page - Texas Instruments PTH08T240WAS Datasheet HTML 18Page - Texas Instruments PTH08T240WAS Datasheet HTML 19Page - Texas Instruments PTH08T240WAS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
2
5
34
6
7
10
9
11 Inhibit/
Prog UVLO
GND
TurboTrans
AutoTrack
8
L
O
A
D
GND
GND
TurboTrans
+Sense
VO
−Sense
VOAdj
VI
VI
VO
+Sense
RTT
0k
W
CI
220 F
m
(Required)
COTT
1320 F
Type B
(Required)
m
RSET
1%
0.05 W
PTH08T240W
−Sense
1
Smart
Sync
Without TurboTrans
100 mV/div
With TurboTrans
100 mV/div
2.5 A/ s
50% Load Step
m
PTH08T240W
SLTS264A–NOVEMBER 2005–REVISED MARCH 2006
Figure 14. TurboTrans™ with Minimum Capacitance Requirement
Figure 15. TurboTrans Waveform
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com