Electronic Components Datasheet Search
  English  ▼

X  

MAX5992A Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5992A
Description  Multisource, High-Power, High-Performance Powered Device Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5992A Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5992A Datasheet HTML 15Page - Maxim Integrated Products MAX5992A Datasheet HTML 16Page - Maxim Integrated Products MAX5992A Datasheet HTML 17Page - Maxim Integrated Products MAX5992A Datasheet HTML 18Page - Maxim Integrated Products MAX5992A Datasheet HTML 19Page - Maxim Integrated Products MAX5992A Datasheet HTML 20Page - Maxim Integrated Products MAX5992A Datasheet HTML 21Page - Maxim Integrated Products MAX5992A Datasheet HTML 22Page - Maxim Integrated Products MAX5992A Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Figure 6. Multi-PD Redundancy Application
Typical Application Circuits (continued)
NDR1
PDR1
VIN1
-V1
100Ω
VIN2
100Ω
R1
VSS
SENSE
GATE
RTN
CLS
DET
VDD
NDR2
PDR2
24.9kΩ
0.1Ω
68nF
RJ45
CONNECTOR
DIODE
BRIDGE
MAX5992A
PG
EN
IN+
IN-
DC-DC
CONVERTER
NDR1
PDR1
VIN1
-V2
100Ω
VIN2
100Ω
PDn
R2
VSS
SENSE
GATE
RTN
CLS
DET
VDD
NDR2
PDR2
24.9kΩ
0.1Ω
68nF
MAX5992A
PG
RJ45
CONNECTOR
DIODE
BRIDGE
MAX5992A/MAX5992B
Multisource, High-Power, High-Performance
Powered Device Controllers
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com