Electronic Components Datasheet Search
  English  ▼

X  

MAX5992A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5992A
Description  Multisource, High-Power, High-Performance Powered Device Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5992A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5992A Datasheet HTML 1Page - Maxim Integrated Products MAX5992A Datasheet HTML 2Page - Maxim Integrated Products MAX5992A Datasheet HTML 3Page - Maxim Integrated Products MAX5992A Datasheet HTML 4Page - Maxim Integrated Products MAX5992A Datasheet HTML 5Page - Maxim Integrated Products MAX5992A Datasheet HTML 6Page - Maxim Integrated Products MAX5992A Datasheet HTML 7Page - Maxim Integrated Products MAX5992A Datasheet HTML 8Page - Maxim Integrated Products MAX5992A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
VIN = (VDD - VSS) = 48V, RDET = 24.9kΩ, RCLS = 615Ω, RSL = 60.4kΩ, all other pins unconnected. All voltages are referenced to VSS,
unless otherwise noted. TA = TJ = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted. (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Turn-On Voltage
VON
VIN rising, ADJ_UVLO
unconnected
MAX5992A
37
38.6
40
V
MAX5992B
34.3
35.4
36.6
VON_IND
VIN rising, ADJ_UVLO pulldown to VSS
(industrial UVLO)
20
20.8
21.5
V
VIN Turn-Off Voltage
VOFF
VIN falling, ADJ_UVLO unconnected
30
V
VIN Turn-On/Turn-Off
Hysteresis
VHYST_
UVLO
ADJ_UVLO unconnected (Note 5)
3.2
V
VIN Turn-On/Turn-Off Industrial
Hysteresis
VHYST_IND VIN falling, ADJ_UVLO pulldown to VSS
1.8
V
VIN Deglitch Time
tOFF_DLY
VIN falling from 40V to 20V (Note 6)
30
120
µs
Inrush to Operating Mode
Delay
tDELAY
Minimum time period when PG is
disconnected from VDD after entering
power-on mode
90
100
110
ms
Current-Limit Timer
tLIM
Once in power-on
mode, external isolation
MOSFET is turned off
if current-limit condition
persists for tLIM (Note 7)
MAX5992A,
MAX5992B
7.2
8
8.8
ms
Restart Timer
tRESTART
After external isolation MOSFET is turned
off due to a current-limit condition, the
device waits tRESTART before reentering
inrush mode
1.5
s
RTN Leakage Current
IRTN_LKG
VRTN - VSS = 10V to 60V
60
85
µA
RJ45 12V Mode (MAX5992B)
RJ45 12V Threshold
VTH_RJ45
VIN rising
8.1
8.7
9.3
V
RJ45 12V Threshold Hysteresis VHYST_RJ45 VIN falling
1
V
RJ45 12V Turn-On Delay
tRJ45
External isolation MOSFET is turned on
if VIN > VTH_RJ45 for more than tRJ45;
counter is disabled when VIN > VUVLO or
when VIN crosses the RJ45 12V falling
threshold
1.8
s
CURRENT LIMIT
Inrush-Current Limit
VINRUSH
VSENSE - VSS, during tDELAY period,
RSENSE = 100mΩ
10
15
20
mV
Current-Limit Clamp Voltage
(Power-On Mode)
VLIM
After inrush completed,
maximum VSENSE during
current-limit condition,
VRTN = 1V,
RSENSE = 100mΩ
CL_SEL
unconnected
72
80
88
mV
CL_SEL
pulled down to
VSS
170
190
210
DC Electrical Characteristics (continued)
MAX5992A/MAX5992B
Multisource, High-Power, High-Performance
Powered Device Controllers
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com