Electronic Components Datasheet Search
  English  ▼

X  

IP1117L-18 Datasheet(PDF) 3 Page - Interpion semiconductor

Part # IP1117L-18
Description  LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1117L-18 Datasheet(HTML) 3 Page - Interpion semiconductor

  IP1117L-18 Datasheet HTML 1Page - Interpion semiconductor IP1117L-18 Datasheet HTML 2Page - Interpion semiconductor IP1117L-18 Datasheet HTML 3Page - Interpion semiconductor IP1117L-18 Datasheet HTML 4Page - Interpion semiconductor IP1117L-18 Datasheet HTML 5Page - Interpion semiconductor IP1117L-18 Datasheet HTML 6Page - Interpion semiconductor IP1117L-18 Datasheet HTML 7Page - Interpion semiconductor IP1117L-18 Datasheet HTML 8Page - Interpion semiconductor IP1117L-18 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
- 3 -
Jan. 2005 (Rev.5)
www.interpionsemi.com
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reference Voltage
Vref
IP1117 Only
1.5V < (Vin - Vout) < 7V, Io=10mA
1.225
1.250
1.275
V
Output Voltage
IP1117-18
10mA <
Iout < 1A,
3.3V < Vin < 10V
1.764
1.800
1.836
V
IP1117-25
10mA < Iout < 1A,
4.0V < Vin < 10V
2.45
2.50
2.55
V
IP1117-33
10mA < Iout < 1A,
4.75V < Vin < 10V
3.234
3.300
3.366
V
IP1117-50
10mA < Iout < 1A,
6.5V < Vin < 12V
4.9
5.0
5.1
V
Line Regulation
dVout1
IP1117
Iout = 10mA,
1.5V < Vin - Vout < 12V
-
0.035
0.2
%
IP1117-18
Iout = 10mA,
3.3V < Vin < 15V
-
1
4
mV
IP1117-25
Iout = 10mA,
4.0V < Vin < 15V
-
1
5
mV
IP1117-33
Iout = 10mA,
4.75V < Vin < 15V
-
1
7
mV
IP1117-50
Iout = 10mA,
6.5V < Vin < 15V
-
1
10
mV
Vout
( Vin= 5V, Co=10uF, Ta = 25OC, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com