Electronic Components Datasheet Search
  English  ▼

X  

IP1117L-18 Datasheet(PDF) 5 Page - Interpion semiconductor

Part # IP1117L-18
Description  LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1117L-18 Datasheet(HTML) 5 Page - Interpion semiconductor

  IP1117L-18 Datasheet HTML 1Page - Interpion semiconductor IP1117L-18 Datasheet HTML 2Page - Interpion semiconductor IP1117L-18 Datasheet HTML 3Page - Interpion semiconductor IP1117L-18 Datasheet HTML 4Page - Interpion semiconductor IP1117L-18 Datasheet HTML 5Page - Interpion semiconductor IP1117L-18 Datasheet HTML 6Page - Interpion semiconductor IP1117L-18 Datasheet HTML 7Page - Interpion semiconductor IP1117L-18 Datasheet HTML 8Page - Interpion semiconductor IP1117L-18 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
- 5 -
Jan. 2005 (Rev.5)
www.interpionsemi.com
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
RMS Output Noise
Vn
10Hz < f < 10kHz
-
0.003
-
%
Thermal Shutdown
Tsd
Junction Temperature
-
150
-
O
C
Thermal Shutdown
Hysteresis
Thys
-
10
-
O
C
( Vin= 5V, Co=10uF, Ta = 25OC, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com