Electronic Components Datasheet Search
  English  ▼

X  

LM399 Datasheet(PDF) 8 Page - Analog Devices

Part # LM399
Description  Oven-Compensated, Buried Zener, 7.05 V Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LM399 Datasheet(HTML) 8 Page - Analog Devices

Back Button LM399 Datasheet HTML 4Page - Analog Devices LM399 Datasheet HTML 5Page - Analog Devices LM399 Datasheet HTML 6Page - Analog Devices LM399 Datasheet HTML 7Page - Analog Devices LM399 Datasheet HTML 8Page - Analog Devices LM399 Datasheet HTML 9Page - Analog Devices LM399 Datasheet HTML 10Page - Analog Devices LM399 Datasheet HTML 11Page - Analog Devices LM399 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
ADR1399
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 8 of 16
Figure 17. Response Time with RCOMP and CCOMP
Figure 18. 1 mA Load Step Response, No RCOMP or CCOMP
Figure 19. 1 mA Load Step Response, RCOMP = 5 Ω, CCOMP = 0.47 μF
Figure 20. 1 mA Load Step Response, RCOMP = 5 Ω, CCOMP = 1 μF
Figure 21. Reference Voltage vs. Temperature for 39 Devices, TO-46
Figure 22. Reference Voltage vs. Temperature for 39 Devices, TO-46,
Referenced to 25
℃ Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com