Electronic Components Datasheet Search
  English  ▼

X  

ADL5356 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5356
Description  2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5356 Datasheet HTML 7Page - Analog Devices ADL5356 Datasheet HTML 8Page - Analog Devices ADL5356 Datasheet HTML 9Page - Analog Devices ADL5356 Datasheet HTML 10Page - Analog Devices ADL5356 Datasheet HTML 11Page - Analog Devices ADL5356 Datasheet HTML 12Page - Analog Devices ADL5356 Datasheet HTML 13Page - Analog Devices ADL5356 Datasheet HTML 14Page - Analog Devices ADL5356 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADL5354
Rev. A | Page 11 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2332 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
100
80
60
40
20
0
8.3
8.7
8.5
8.6
8.4
CONVERSION GAIN (dB)
MEAN = 8.6
SD = 0.28%
Figure 27. Conversion Gain Distribution
100
80
60
40
20
0
23
24
25
26
28
27
INPUT IP3 (dBm)
MEAN = 26.1
SD = 0.5%
Figure 28. Input IP3 Distribution
100
80
60
40
20
0
10.0
10.3
10.6
10.9
11.2
INPUT P1dB (dBm)
MEAN = 10.6
SD = 0.36%
Figure 29. Input P1dB Distribution
500
400
300
200
100
0
10
8
6
4
2
0
30
430
380
330
280
230
180
130
80
IF FREQUENCY (MHz)
RESISTANCE
CAPACITANCE
Figure 30. IF Output Impedance (R Parallel, C Equivalent)
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
RF FREQUENCY (GHz)
Figure 31. RF Return Loss, Fixed IF
0
–5
–10
–15
–20
–25
–30
–35
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
LO FREQUENCY (GHz)
SELECTED
UNSELECTED
Figure 32. LO Return Loss, Selected and Unselected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com