Electronic Components Datasheet Search
  English  ▼

X  

ADL5356 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5356
Description  2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356 Datasheet(HTML) 2 Page - Analog Devices

  ADL5356 Datasheet HTML 1Page - Analog Devices ADL5356 Datasheet HTML 2Page - Analog Devices ADL5356 Datasheet HTML 3Page - Analog Devices ADL5356 Datasheet HTML 4Page - Analog Devices ADL5356 Datasheet HTML 5Page - Analog Devices ADL5356 Datasheet HTML 6Page - Analog Devices ADL5356 Datasheet HTML 7Page - Analog Devices ADL5356 Datasheet HTML 8Page - Analog Devices ADL5356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADL5354
Data Sheet
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
5 V Performance........................................................................... 4
3.3 V Performance........................................................................ 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
5 V Performance........................................................................... 7
3.3 V Performance...................................................................... 14
Spur Tables ...................................................................................... 15
5 V Performance......................................................................... 15
3.3 V Performance...................................................................... 15
Circuit Description......................................................................... 16
RF Subsystem.............................................................................. 16
LO Subsystem ............................................................................. 16
Applications Information .............................................................. 18
Basic Connections...................................................................... 18
IF Port .......................................................................................... 18
Bias Resistor Selection ............................................................... 18
Mixer VGS Control DAC .......................................................... 18
Evaluation Board ............................................................................ 20
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
1/16—Rev. 0 to Rev. A
Changes to Figure 2 and Table 6..................................................... 6
Updated Outline Dimensions....................................................... 22
Changes to Ordering Guide .......................................................... 22
2/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com