Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4657
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices LTM4657 Datasheet HTML 10Page - Analog Devices LTM4657 Datasheet HTML 11Page - Analog Devices LTM4657 Datasheet HTML 12Page - Analog Devices LTM4657 Datasheet HTML 13Page - Analog Devices LTM4657 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM4658
10
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
the default frequency is required, the frequency can be
programmed by tying a resistor from FREQ pin to AGND
with Equation 4.
RFREQ = 568 • f(SW)(–1.08)
(4)
where RFREQ is in kΩ and fSW is the desired switching
frequency in MHz.
The frequency can be programmed to switch from 1MHz
to 3MHz. Table 2 shows the necessary RFREQ value for a
desired switching frequency.
Table 2. SW Frequency vs RFREQ Value
fSW (MHz)
RFREQ (kΩ)
1
549
2
274
2.2
243
3
178
Synchronizing the Oscillator to an External Clock
The LTM4658 switching frequency can also be adjusted
by synchronizing the internal PLL circuit to an external
clock to the MODE/SYNC pin. The synchronization fre-
quency range is 1MHz to 2.6MHz. The LTM4658 oper-
ates in forced continuous mode when synchronized to
an external clock.
Tie the FREQ pin to VIN configures the MODE/SYNC pin
as a clock input. During synchronization, the top power
switch turn-on is locked to the rising edge of the external
frequencysource.Theslopecompensationisautomatically
adapted to the external clock frequency.
At start-up, before the LTM4658 recognizes the external
clock applied to MODE/SYNC, the LTM4658 will switch at
its default frequency of 2MHz. Once the externally applied
clock is recognized, the switching frequency will gradu-
ally transition from the default frequency to the applied
frequency. If the external clock is removed, the LTM4658
will slowly transition back to the default frequency.
The synchronizing clock amplitude should be greater than
1.2V and less than 0.4V with a pulse width greater than
40ns. An internal 200kΩ resistor on MODE/SYNC pin to
capacitors to minimize the voltage droop and overshoot
during a 2.5A (25%) load-step transient.
Multiphase operation will reduce effective output ripple as
a function of the number of phases. Application Note 77
discusses this noise reduction versus output ripple cur-
rent cancellation, but the output capacitance will be more
a function of stability and transient response. The Analog
DevicesLTpowerCAD®designtoolisavailabletodownload
online for output ripple, stability and transient response
analysis and calculating the output ripple reduction as
the number of phases implemented increases by N times.
Modes of Operation
The MODE/SYNC pin either synchronizes the external
switching frequency, or a clock output, to set the PWM
mode. The PWM modes of operation are either pulse-
skipping or forced continuous. See Table 1.
Table 1. LTM4658 Single Phase Configuration
FREQ PIN
CONNECTION
MODE/SYNC
PIN CONNECTION
MODE OF
OPERATION
SWITCHING
FREQUENCY
VIN
Clock Input
Forced
Continuous
External
Clock
VIN
AGND
Forced
Continuous
2MHz Default
VIN
VIN
Pulse-Skip
2MHz Default
Resistor
to AGND
Clock Output
Forced
Continuous
RFREQ
Programmed
The LTM4658 operates in forced continuous mode for
low noise or pulse-skipping mode for high efficiency at
light load. The LTM4658 operates in pulse-skipping mode
when both FREQ and MODE/SYNC pins are connected to
VIN. In pulse-skipping mode, switching cycles are skipped
at light load to regulate the output voltage. The LTM4658
defaults to forced continuous in regulation and during
synchronization. During forced continuous mode, the top
switch turns on every cycle and light load regulation is
achieved by allowing negative inductor current.
Setting the Operating Frequency
The operating frequency defaults to 2MHz when the FREQ
pin is left floating or tie to VIN. If any frequency higher than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com