Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4657
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 12Page - Analog Devices LTM4657 Datasheet HTML 13Page - Analog Devices LTM4657 Datasheet HTML 14Page - Analog Devices LTM4657 Datasheet HTML 15Page - Analog Devices LTM4657 Datasheet HTML 16Page - Analog Devices LTM4657 Datasheet HTML 17Page - Analog Devices LTM4657 Datasheet HTML 18Page - Analog Devices LTM4657 Datasheet HTML 19Page - Analog Devices LTM4657 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTM4658
16
Rev. 0
For more information www.analog.com
The 2.5VIN, 3.3VIN and 5VIN power loss curves in Figure 6,
Figure 7 and Figure 8 can be used in coordination with
the load current derating curves in Figure 9 to Figure 14
for calculating an approximate θJA thermal resistance
for the LTM4658 with various heat sinking and airflow
conditions. The power loss curves are taken at room
temperature, and are increased with multiplicative factors
according to the junction temperature. This approximate
factor is ~1.2 assuming the junction temperature is reach-
ing 120°C. Maximum load current is achievable while
increasing ambient temperature as long as the junction
temperature is less than 120°C, which is 5°C guardband
from maximum junction temperature of 125°C. When the
ambient temperature reaches a point where the junction
temperature is 120°C, then the load current is lowered to
maintain the junction at 120°C while increasing ambient
temperature up to 120°C. The derating curves are plotted
with the output current starting at 10A and the ambient
temperature at 30°C. The output voltages are 1.0V, 1.5V
and2.5V.Thesearechosentoincludethelowerandhigher
outputvoltagerangesforcorrelatingthethermalresistance.
Thermal models are derived from several temperature
measurementsinacontrolledtemperaturechamberalong
withthermalmodelinganalysis.Thejunctiontemperatures
are monitored while ambient temperature is increased
with and without airflow. The power loss increase with
ambient temperature change is factored into the derating
curves. The junctions are maintained at 120°C maximum
while lowering output current or power with increasing
ambient temperature. The decreased output current will
APPLICATIONS INFORMATION
decrease the internal module loss as ambient tempera-
ture is increased. The monitored junction temperature of
120°C minus the ambient operating temperature specifies
how much module temperature rise can be allowed. For
example,todeterminethemaximumambienttemperature
allowable when VIN = 5V, VOUT = 1V and 10A load current
without a heat sink and airflow, simply find out the power
loss from Figure 7 which equals to 1.54W in this case,
then multiply by the 1.2 coefficient for 120°C junction tem-
perature, If the 81.6°C ambient temperature is subtracted
from the 120°C junction temperature, then the difference
of 43°C divided by 1.85W equals a 21°C/W for θJA the
system equivalent thermal resistance. Table 5 specifies
20.8°C/W value which is very close. Table 6 and Table 7
provide equivalent thermal resistances for 1.5V and 2.5V
outputs with and without airflow. The Pin Configuration
section shows the simulation data for the worst case
scenario. Table  5 through Table  7 provide equivalent
thermal resistances for 1.0V, 1.5V and 2.5V outputs with
and without airflow. The derived thermal resistances in
Table 5 through Table 7 for the various conditions can
be multiplied by the calculated power loss as a function
of ambient temperature to derive temperature rise above
ambient, thus maximum junction temperature. Room
temperature power loss can be derived from the efficiency
curves in the Typical Performance Characteristics section
andadjustedwiththeaboveambienttemperaturemultipli-
cative factors. The printed circuit board is a 1.6mm thick
four-layer board with two ounce copper for the two outer
layers and one ounce copper for the two inner layers. The
PCB dimensions are 95mm × 76mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com