Electronic Components Datasheet Search
  English  ▼

X  

U430 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # U430
Description  Matched N-Channel Pairs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U430 Datasheet(HTML) 4 Page - Vishay Siliconix

  U430 Datasheet HTML 1Page - Vishay Siliconix U430 Datasheet HTML 2Page - Vishay Siliconix U430 Datasheet HTML 3Page - Vishay Siliconix U430 Datasheet HTML 4Page - Vishay Siliconix U430 Datasheet HTML 5Page - Vishay Siliconix U430 Datasheet HTML 6Page - Vishay Siliconix U430 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U430/431
Vishay Siliconix
www.vishay.com
8-4
Document Number: 70249
S-04031—Rev. E, 04-Jun-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Transfer Characteristics
VGS – Gate-Source Voltage (V)
30
0
–1.2
–0.4
–1.6
–2
24
12
6
0
18
–0.8
TA = –55_C
125
_C
Transfer Characteristics
VGS – Gate-Source Voltage (V)
100
0
–1.8
–0.6
–2.4
–3
80
40
20
0
60
–1.2
TA = –55_C
25
_C
125
_C
Output Characteristics
VDS – Drain-Source Voltage (V)
VGS = 0 V
–0.2 V
–0.4 V
–0.6 V
–0.8 V
–1.0 V
20
06
8
210
16
8
4
0
4
12
VGS(off) = –1.5 V
Output Characteristics
VDS – Drain-Source Voltage (V)
VGS = 0 V
–0.2 V
–0.4 V
–0.6 V
–0.8 V
15
0
0.4
0.2
0.8
1
12
6
3
0
9
0.6
–1.0 V
VGS(off) = –1.5 V
Output Characteristics
VDS – Drain-Source Voltage (V)
VGS = 0 V
–1.2 V
–0.4 V
–1.6 V
–0.8 V
30
0
0.4
0.2
0.8
1
24
12
6
0
18
0.6
–2.0 V
–2.4 V
VGS(off) = –3 V
Output Characteristics
VDS – Drain-Source Voltage (V)
50
04
28
10
40
20
10
0
30
6
–2.4 V
VGS = 0 V
–0.4 V
–0.8 V
–1.2 V
–1.6 V
–2.0 V
VGS(off) = –3 V
25
_C
VGS(off) = –3 V
VDS = 10 V
f = 1 kHz
VGS(off) = –1.5 V
VDS = 10 V
f = 1 kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com