Electronic Components Datasheet Search
  English  ▼

X  

U430 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # U430
Description  Matched N-Channel Pairs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U430 Datasheet(HTML) 3 Page - Vishay Siliconix

  U430 Datasheet HTML 1Page - Vishay Siliconix U430 Datasheet HTML 2Page - Vishay Siliconix U430 Datasheet HTML 3Page - Vishay Siliconix U430 Datasheet HTML 4Page - Vishay Siliconix U430 Datasheet HTML 5Page - Vishay Siliconix U430 Datasheet HTML 6Page - Vishay Siliconix U430 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U430/431
Vishay Siliconix
Document Number: 70249
S-04031—Rev. E, 04-Jun-01
www.vishay.com
8-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
100
0
–5
–4
–3
–1
80
20
0
50
40
10
0
Drain Current and Transconductance
vs. Gate-Source Cutoff Voltage
Gate Leakage Current
VGS(off) – Gate-Source Cutoff Voltage (V)
VDG – Drain-Gate Voltage (V)
IDSS @ VDS = 10 V, VGS = 0 V
gfs @ VDS = 10 V, VGS = 0 V
f = 1 kHz
gfs
IDSS
60
40
–2
30
20
04
312
15
9
IGSS @ 125
_C
TA = 125_C
IG @ ID = 10 mA
10 mA
TA = 25_C
200
mA
IGSS @ 25_C
0.1 pA
1 pA
10 pA
100 pA
1 nA
10 nA
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
Common-Source Forward Transconductance
vs. Drain Current
ID – Drain Current (mA)
VGS(off) – Gate-Source Cutoff Voltage (V)
TA = –55_C
125
_C
VGS(off) = –3 V
100
–3
–5
–4
–1
80
0
300
240
120
60
0
60
40
20
–2
0
180
rDS @ ID = 1 mA, VGS = 0 V
gos @ VDS = 10 V, VGS = 0 V, f = 1 kHz
rDS
0.1
1
10
20
16
8
4
0
12
gos
30
0
–1.2
–1.6
–0.4
–2
24
12
6
0
–0.8
18
Transconductance vs. Gate-Source Voltage
VGS – Gate-Source Voltage (V)
TA = –55_C
125
_C
50
0
–1.8
–2.4
–0.6
–3
40
20
10
0
–1.2
30
Transconductance vs. Gate-Source Voltage
VGS – Gate-Source Voltage (V)
TA = –55_C
25
_C
125
_C
200
mA
VDS = 10 V
f = 1 kHz
VGS(off) = –3 V
VDS = 10 V
f = 1 kHz
VGS(off) = –1.5 V
VDS = 10 V
f = 1 kHz
25
_C
25
_C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com