Electronic Components Datasheet Search
  English  ▼

X  

71M6543HT Datasheet(PDF) 58 Page - Maxim Integrated Products

Part # 71M6543HT
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT Datasheet(HTML) 58 Page - Maxim Integrated Products

Back Button 71M6543HT Datasheet HTML 54Page - Maxim Integrated Products 71M6543HT Datasheet HTML 55Page - Maxim Integrated Products 71M6543HT Datasheet HTML 56Page - Maxim Integrated Products 71M6543HT Datasheet HTML 57Page - Maxim Integrated Products 71M6543HT Datasheet HTML 58Page - Maxim Integrated Products 71M6543HT Datasheet HTML 59Page - Maxim Integrated Products 71M6543HT Datasheet HTML 60Page - Maxim Integrated Products 71M6543HT Datasheet HTML 61Page - Maxim Integrated Products 71M6543HT Datasheet HTML 62Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
Maxim Integrated │ 58
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 13. I/O RAM Locations in Alphabetical Order (continued)
NAME
LOCATION RSTWK DIR
DESCRIPTION
LCD_VMODE[1:0]
2401[7:6] 00 00 R/W
SpecifieshowVLCD is generated.
LCD_VMODE
DESCRIPTION
11
External VLCD
10
LCD DAC enabled
01
LCD DAC enabled
00
No DAC. VLCD = V3P3L.
LCD_Y
2400[2]
0
– R/W LCDBlinkFrequency(ignoredifblinkisdisabled).
1 = 1 Hz, 0 = 0.5 Hz
MPU_DIV[2:0]
2200[2:0]
0
0 R/W
MPU clock rate is:
MPU Rate = MCK Rate x 2-(2+MPU_DIV[2:0]).
The maximum value for MPU_DIV[2:0] is 4. Based on the default values of the PLL_FAST bit and MPU_DIV[2:0],
the power up MPU rate is 6.29MHz/4 = 1.5725MHz. The minimum MPU clock rate is 38.4kHz when PLL_FAS T =
1.
MUX2_SEL[3:0]
2104[3:0]
0
0 R/W Selects which ADC input is to be converted during time slot 2.
MUX3_SEL[3:0]
2104[7:4]
0
0 R/W Selects which ADC input is to be converted during time slot 3.
MUX4_SEL[3:0]
2103[3:0]
0
0 R/W Selects which ADC input is to be converted during time slot 4.
MUX5_SEL[3:0]
2103[7:4]
0
0 R/W Selects which ADC input is to be converted during time slot 5.
MUX6_SEL[3:0]
2102[3:0]
0
0 R/W Selects which ADC input is to be converted during time slot 6.
MUX7_SEL[3:0]
2102[7:4]
0
0 R/W Selects which ADC input is to be converted during time slot 7.
MUX8_SEL[3:0]
2101[3:0]
0
0 R/W Selects which ADC input is to be converted during time slot 8.
MUX9_SEL[3:0]
2101[7:4]
0
0 R/W Selects which ADC input is to be converted during time slot 9.
MUX10_SEL[3:0]
2100[3:0]
0
0 R/W Selects which ADC input is to be converted during time slot 10.
MUX_DIV[3:0]
2100[7:4]
0
0 R/W MUX_DIV[3:0] is the number of ADC time slots in each MUX frame. The maximum number of time slots is 11.
OPT_BB
2457[0]
0
– R/W ConfigurestheinputoftheopticalporttobeaDIOpintoallowittobebit-banged.Inthiscase,DIO5becomesa
third high speed UART.
OPT_FDC[1:0]
2457[5:4]
0
– R/W
Selects OPT_TX modulation duty cycle.
OPT_FDC
FUNCTION
00
50% low
01
25% low
10
12.5% low
11
6.25% low
OPT_RXDIS
2457[2]
0
– R/W
OPT_RXcanbeconfiguredasaninputtotheopticalUARTorasSEGDIO55.
OPT_RXDIS = 0 and LCD_MAP[55] = 0: OPT_RX
OPT_RXDIS = 1 and LCD_MAP[55] = 0: DIO55
OPT_RXDIS = 0 and LCD_MAP[55] = 1: SEG55
OPT_RXDIS = 1 and LCD_MAP[55] = 1: SEG55
OPT_RXINV
2457[1]
0
– R/W Inverts result from OPT_RX comparator when 1. Affects only the UART input. Has no effect when OPT_RX is used
as a DIO input.
OPT_TXE [1:0]
2456[3:2] 00 – R/W
ConfigurestheOPT_TXoutputpin.
If LCD_MAP[51] = 0:
00 = DIO51, 01 = OPT_TX, 10 = WPULSE, 11 = VARPULSE
If LCD_MAP[51] = 1:
xx = SEG51
OPT_TXINV
2456[0]
0
– R/W Invert OPT_TX when 1. This inversion occurs before modulation.
OPT_TXMOD
2456[1]
0
– R/W Enables modulation of OPT_TX. When OPT_TXMOD is set, OPT_TX is modulated when it would otherwise have
been zero. The modulation is applied after any inversion caused by OPT_TXINV.
OSC_COMP
28A0[5]
0
– R/W Enables the automatic update of the PQ RTC compensation value every time the temperature is measured.
OUT_SQ[1:0]
2200[7:6]
0
0 R/W
DefinesthesquarewaveoutputonSEGDIO15(ifOUT_SQE=1)
00 – Off
01 – 3.2768MHz
10 – 4.9152MHz
11 – 9.83MHz
OUT_SQE
2458[4]
0
0 R/W EnablesthesquarewaveoutputonSEGDIO15.
PB_STATE
SFR F8[0]
0
0 R The de-bounced state of the PB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com